データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADR5044AKSZ-REEL データシート(PDF) 5 Page - Analog Devices

部品番号 ADR5044AKSZ-REEL
部品情報  Precision Micropower Shunt Mode Voltage References
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADR5044AKSZ-REEL データシート(HTML) 5 Page - Analog Devices

  ADR5044AKSZ-REEL Datasheet HTML 1Page - Analog Devices ADR5044AKSZ-REEL Datasheet HTML 2Page - Analog Devices ADR5044AKSZ-REEL Datasheet HTML 3Page - Analog Devices ADR5044AKSZ-REEL Datasheet HTML 4Page - Analog Devices ADR5044AKSZ-REEL Datasheet HTML 5Page - Analog Devices ADR5044AKSZ-REEL Datasheet HTML 6Page - Analog Devices ADR5044AKSZ-REEL Datasheet HTML 7Page - Analog Devices ADR5044AKSZ-REEL Datasheet HTML 8Page - Analog Devices ADR5044AKSZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADR5040/ADR5041/ADR5043/ADR5044/ADR5045
Rev. A | Page 5 of 16
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
TEMPERATURE COEFFICIENT1
TCVOUT
–40°C < TA < +125°C
Grade A
10
100
ppm/°C
Grade B
10
75
ppm/°C
OUTPUT VOLTAGE CHANGE vs. IIN
∆VR
IIN = 50 μA to 1 mA
–40°C < TA < +125°C
0.7
3
mV
IIN = 1 mA to 15 mA
–40°C < TA < +125°C
4
8
mV
DYNAMIC OUTPUT IMPEDANCE
(∆VR/∆IR)
IIN = 50 μA to 15 mA
0.2
Ω
MINIMUM OPERATING CURRENT
IIN
TA = 25°C
50
μA
–40°C < TA < +125°C
60
μA
VOLTAGE NOISE
eN
IIN = 100 μA; 0.1 Hz to 10 Hz
5.4
μV rms
IIN = 100 μA; 10 Hz to 10 kHz
240
μV rms
TURN-ON SETTLING TIME
tR
CLOAD = 0 μF
56
μs
OUTPUT VOLTAGE HYSTERESIS
∆VOUT_HYS
IIN = 1 mA
40
ppm
1 Guaranteed by design.
ADR5045 ELECTRICAL CHARACTERISTICS
IIN = 50 μA to 15 mA, TA = 25°C, unless otherwise noted.
Table 6.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
OUTPUT VOLTAGE
VOUT
IIN = 100 μA
Grade A
4.990
5.000
5.010
V
Grade B
4.995
5.000
5.005
V
INITIAL ACCURACY
VOERR
IIN = 100 μA
Grade A
–10
+10
mV
±0.2
%
Grade B
–5
+5
mV
±0.1
%
TEMPERATURE COEFFICIENT1
TCVOUT
–40°C < TA < +125°C
Grade A
10
100
ppm/°C
Grade B
10
75
ppm/°C
OUTPUT VOLTAGE CHANGE vs. IIN
∆VR
IIN = 50 μA to 1 mA
–40°C < TA < +125°C
0.8
4
mV
IIN = 1 mA to 15 mA
–40°C < TA < +125°C
4
8
mV
DYNAMIC OUTPUT IMPEDANCE
(∆VR/∆IR)
IIN = 50 μA to 15 mA
0.2
Ω
MINIMUM OPERATING CURRENT
IIN
TA = 25°C
50
μA
–40°C < TA < +125°C
60
μA
VOLTAGE NOISE
eN
IIN = 100 μA; 0.1 Hz to 10 Hz
6.6
μV rms
IIN = 100 μA; 10 Hz to 10 kHz
280
μV rms
TURN-ON SETTLING TIME
tR
CLOAD = 0 μF
70
μs
OUTPUT VOLTAGE HYSTERESIS
∆VOUT_HYS
IIN = 1 mA
40
ppm
1 Guaranteed by design.


同様の部品番号 - ADR5044AKSZ-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
ADR5044AKSZ-REEL AD-ADR5044AKSZ-REEL Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
ADR5044AKSZ-REEL7 AD-ADR5044AKSZ-REEL7 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
More results

同様の説明 - ADR5044AKSZ-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
ADR5043 AD-ADR5043_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
ADR5045 AD-ADR5045_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
ADR5040 AD-ADR5040 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
ADR5044 AD-ADR5044_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
ADR5040 AD-ADR5040_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
ADR5041 AD-ADR5041_15 Datasheet
425Kb / 16P
   Precision Micropower Shunt Mode Voltage References
REV. B
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040_17 Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com