データシートサーチシステム |
|
CAT10-000J4LF データシート(PDF) 2 Page - Bourns Electronic Solutions |
|
CAT10-000J4LF データシート(HTML) 2 Page - Bourns Electronic Solutions |
2 / 2 page Packaging Dimensions 4.0 ± 0.1 (.158 ± .004) 1.5 + 0.1 - 0 (.059 + .004 - 0) 2.3 ± 0.2 (.090 ± .008) 1.3 ± 0.2 (.051 ± .008) 2.0 ± 0.05 (.079 ± .002) 1.0 (.040) MAX. 0.5 (.020) MAX. 8.0 ± 0.2 (.315 ± .008) 3.5 ± 0.05 (.138 ± .002) 180 (7.087) 2.0 ± 0.5 (.079 ± .020) 60 (2.362) 21.0 ± 0.8 (.827 ± .031) 13.0 ± 0.2 (.511 ± .008) 11.4 ± 1.0 (.449 ± .040) 9.0 ± 0.3 (.354 ± .012) Model CAT10 - Chip Resistor Array Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. REV.02/08 Soldering Profile for RoHS Compliant Chip Resistors and Arrays 25 75 125 175 225 275 0 50 100 150 200 250 300 Time (seconds) 60 - 120 seconds 60 - 90 seconds 260 °C peak 190 °C 150 °C 220 °C Ramp Down 6 °C/second 255 °C Maximum of 20 seconds between +255 °C and +260 °C Ramp Up 3 °C/second maximum 10 seconds minimum <1> <1> |
同様の部品番号 - CAT10-000J4LF |
|
同様の説明 - CAT10-000J4LF |