データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9887AKS-170 データシート(PDF) 10 Page - Analog Devices

部品番号 AD9887AKS-170
部品情報  Dual Interface for Flat Panel Display
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9887AKS-170 データシート(HTML) 10 Page - Analog Devices

Back Button AD9887AKS-170 Datasheet HTML 6Page - Analog Devices AD9887AKS-170 Datasheet HTML 7Page - Analog Devices AD9887AKS-170 Datasheet HTML 8Page - Analog Devices AD9887AKS-170 Datasheet HTML 9Page - Analog Devices AD9887AKS-170 Datasheet HTML 10Page - Analog Devices AD9887AKS-170 Datasheet HTML 11Page - Analog Devices AD9887AKS-170 Datasheet HTML 12Page - Analog Devices AD9887AKS-170 Datasheet HTML 13Page - Analog Devices AD9887AKS-170 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
AD9887A
Rev. B | Page 10 of 52
Pin Type
Mnemonic
Description
Value
Pin No.
Interface
2-Wire Serial Interface
SCL
Serial Port Data Clock (100 kHz Maximum)
3.3 V CMOS
91
Analog/Digital
A0
Serial Port Address Input 1
3.3 V CMOS
90
Analog/Digital
A1
Serial Port Address Input 2
3.3 V CMOS
89
Analog/Digital
Data Outputs
RED B[7:0]
Data Output, Red Channel, Port B/Odd, Bit 7 is the
MSB
3.3 V CMOS
153 to
160
Analog/Digital
GREEN
B[7:0]
Data Output, Green Channel, Port B/Odd
3.3 V CMOS
13 to 20
Analog/Digital
BLUE B[7:0]
Data Output, Blue, Port B/Odd
3.3 V CMOS
33 to 40
Analog/Digital
RED A[7:0]
Data Output, Red Channel, Port A/Even
3.3 V CMOS
143 to
150
Analog/Digital
GREEN
A[7:0]
Data Output, Green Channel, Port A/Even
3.3 V CMOS
3 to 10
Analog/Digital
BLUE
A[7:0]
Data Output, Blue Channel, Port A/Even
3.3 V CMOS
23 to 30
Analog/Digital
Data Clock Outputs
DATACK
Data Output Clock
3.3 V CMOS
134
Analog/Digital
DATACK
Data Output Clock Complement
3.3 V CMOS
135
Analog/Digital
Sync Detect
SCDT
Sync Detect Output
3.3 V CMOS
136
Analog/Digital
Scan Function
SCANIN
Input for Scan Function
3.3 V CMOS
129
Analog/Digital
SCANOUT
Output for Scan Function
3.3 V CMOS
45
Analog/Digital
SCANCLK
Clock for Scan Function
3.3 V CMOS
50
Analog/Digital
Digital Video Data
Inputs
Rx0+
Digital Differential Input Channel 0 True
62
Digital
Rx0−
Digital Differential Input Channel 0 Complement
63
Digital
Rx1+
Digital Differential Input Channel 1 True
59
Digital
Rx1−
Digital Differential Input Channel 1 Complement
60
Digital
Rx2+
Digital Differential Input Channel 2 True
56
Digital
Rx2−
Digital Differential Input Channel 2 Complement
57
Digital
Digital Video Clock
Inputs
RxC+
Digital Differential Data Clock True
65
Digital
RxC−
Digital Differential Data Clock Complement
66
Digital
Data Enable
DE
Data Enable
3.3 V CMOS
137
Digital
Control Bit
CTL0, CTL1,
CTL2
Digital Control Outputs
3.3 V CMOS
46 to 48
Digital
Termination Control
RTERM
Internal Termination Resistance Set Pin
53
Digital
HDCP
DDCSCL
HDCP Slave Serial Port Data Clock
3.3 V CMOS
73
Digital
DDCSDA
HDCP Slave Serial Port Data I/O
3.3 V CMOS
72
Digital
MCL
HDCP Master Serial Port Data Clock
3.3 V CMOS
49
Digital
MDA
HDCP Master Serial Port Data I/O
3.3 V CMOS
71
Digital


同様の部品番号 - AD9887AKS-170

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9887AKS-170 AD-AD9887AKS-170 Datasheet
384Kb / 44P
   Dual Interface for Flat Panel Displays
REV. 0
More results

同様の説明 - AD9887AKS-170

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9887A AD-AD9887A_15 Datasheet
918Kb / 52P
   Dual Interface for Flat Panel Display
REV. B
AD9887 AD-AD9887 Datasheet
321Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882 AD-AD9882 Datasheet
370Kb / 36P
   Dual Interface for Flat Panel Displays
REV. A
AD9882A AD-AD9882A_15 Datasheet
985Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9887 AD-AD9887_15 Datasheet
1Mb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882A AD-AD9882A Datasheet
984Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882 AD-AD9882_15 Datasheet
376Kb / 36P
   Dual Interface for Flat Panel Displays
REV. A
AD9887A AD-AD9887A Datasheet
384Kb / 44P
   Dual Interface for Flat Panel Displays
REV. 0
AD9886 AD-AD9886 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
AD9886 AD-AD9886_15 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com