データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5142 データシート(PDF) 7 Page - Analog Devices

部品番号 AD5142
部品情報  Quad Channel, 128-/256-Position, I2C Nonvolatile Digital Potentiometer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5142 データシート(HTML) 7 Page - Analog Devices

Back Button AD5142 Datasheet HTML 3Page - Analog Devices AD5142 Datasheet HTML 4Page - Analog Devices AD5142 Datasheet HTML 5Page - Analog Devices AD5142 Datasheet HTML 6Page - Analog Devices AD5142 Datasheet HTML 7Page - Analog Devices AD5142 Datasheet HTML 8Page - Analog Devices AD5142 Datasheet HTML 9Page - Analog Devices AD5142 Datasheet HTML 10Page - Analog Devices AD5142 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data Sheet
AD5123/AD5143
Rev. A | Page 7 of 28
Parameter
Symbol
Test Conditions/Comments
Min
Typ1
Max
Unit
RESISTOR TERMINALS
Maximum Continuous Current
IA, IB, and IW
RAB = 10 kΩ
−6
+6
mA
RAB = 100 kΩ
−1.5
+1.5
mA
Terminal Voltage Range5
VSS
VDD
V
Capacitance A, Capacitance B3
CA, CB
f = 1 MHz, measured to GND,
code = half scale
RAB = 10 kΩ
25
pF
RAB = 100 kΩ
12
pF
Capacitance W3
CW
f = 1 MHz, measured to GND,
code = half scale
RAB = 10 kΩ
12
pF
RAB = 100 kΩ
5
pF
Common-Mode Leakage Current3
VA = VW = VB
−500
±15
+500
nA
DIGITAL INPUTS
Input Logic3
High
VINH
0.7 × VDD
V
Low
VINL
0.2 × VDD
V
Input Hysteresis3
VHYST
0.1 × VDD
V
Input Current3
IIN
±1
µA
Input Capacitance3
CIN
5
pF
DIGITAL OUTPUTS
Output High Voltage3
VOH
RPULL-UP = 2.2 kΩ to VDD
VDD
V
Output Low Voltage3
VOL
ISINK = 3 mA
0.4
V
ISINK = 6 mA
0.6
V
Three-State Leakage Current
−1
+1
µA
Three-State Output Capacitance
2
pF
POWER SUPPLIES
Single-Supply Power Range
VSS = GND
2.3
5.5
V
Dual-Supply Power Range
±2.25
±2.75
V
Positive Supply Current
IDD
VIH = VDD or VIL = GND
VDD = 5.5 V
0.7
5.5
µA
VDD = 2.3 V
400
nA
Negative Supply Current
ISS
VIH = VDD or VIL = GND
−5.5
−0.7
µA
EEPROM Store Current3, 6
IDD_EEPROM_STORE
VIH = VDD or VIL = GND
2
mA
EEPROM Read Current3, 7
IDD_EEPROM_READ
VIH = VDD or VIL = GND
320
µA
Power Dissipation8
PDISS
VIH = VDD or VIL = GND
3.5
µW
Power Supply Rejection Ratio
PSRR
∆VDD/∆VSS = VDD ± 10%,
code = full scale
−66
−60
dB


同様の部品番号 - AD5142

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5142ABCPZ10-RL7 AD-AD5142ABCPZ10-RL7 Datasheet
669Kb / 32P
   The AD5122A/AD5142A are available in a compact, 16-lead, 3 mm 횞 3 mm LFCSP and a 16-lead TSSOP.
REV. A
AD5142ABCPZ10-RL7 AD-AD5142ABCPZ10-RL7 Datasheet
768Kb / 32P
   Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5142ABCPZ100-RL7 AD-AD5142ABCPZ100-RL7 Datasheet
669Kb / 32P
   The AD5122A/AD5142A are available in a compact, 16-lead, 3 mm 횞 3 mm LFCSP and a 16-lead TSSOP.
REV. A
AD5142ABCPZ100-RL7 AD-AD5142ABCPZ100-RL7 Datasheet
768Kb / 32P
   Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5142ABRUZ10 AD-AD5142ABRUZ10 Datasheet
669Kb / 32P
   The AD5122A/AD5142A are available in a compact, 16-lead, 3 mm 횞 3 mm LFCSP and a 16-lead TSSOP.
REV. A
More results

同様の説明 - AD5142

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5123 AD-AD5123 Datasheet
731Kb / 28P
   Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5124 AD-AD5124_17 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD5122A AD-AD5122A_17 Datasheet
768Kb / 32P
   Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5121 AD-AD5121 Datasheet
673Kb / 32P
   Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
REV. 0
AD5121 AD-AD5121_17 Datasheet
791Kb / 32P
   Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD5259 AD-AD5259 Datasheet
245Kb / 14P
   Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
Rev. PrJ 7/22/04
AD5122 AD-AD5122_17 Datasheet
751Kb / 32P
   Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
logo
Maxim Integrated Produc...
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
   Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Analog Devices
AD5253 AD-AD5253_12 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com