データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5024BRUZ データシート(PDF) 9 Page - Analog Devices

部品番号 AD5024BRUZ
部品情報  Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5024BRUZ データシート(HTML) 9 Page - Analog Devices

Back Button AD5024BRUZ Datasheet HTML 5Page - Analog Devices AD5024BRUZ Datasheet HTML 6Page - Analog Devices AD5024BRUZ Datasheet HTML 7Page - Analog Devices AD5024BRUZ Datasheet HTML 8Page - Analog Devices AD5024BRUZ Datasheet HTML 9Page - Analog Devices AD5024BRUZ Datasheet HTML 10Page - Analog Devices AD5024BRUZ Datasheet HTML 11Page - Analog Devices AD5024BRUZ Datasheet HTML 12Page - Analog Devices AD5024BRUZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
AD5024/AD5044/AD5064
Rev. F | Page 9 of 28
VOUTA
VREFA
VREFB
VOUTC
POR
DIN
GND
VOUTB
VOUTD
VREFC
VREFD
SCLK
CLR
VDD
LDAC
SYNC
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
AD5024/
AD5044/
AD5064
16
15
14
13
12
11
10
9
Figure 7. 16-Lead TSSOP (RU-16) Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
LDAC
LDAC can be operated in two modes, asynchronously and synchronously, as shown in Figure 4. Pulsing
this pin low allows any or all DAC registers to be updated if the input registers have new data. This allows
all DAC outputs to simultaneously update. This pin can also be tied permanently low in standalone mode.
2
SYNC
Active Low Control Input. This is the frame synchronization signal for the input data. When SYNC goes
low, it powers on the SCLK and DIN buffers and enables the shift register. Data is transferred in on the
falling edges of the next 32 clocks. If SYNC is taken high before the 32nd falling edge, the rising edge of
SYNC acts as an interrupt and the write sequence is ignored by the device.
3
VDD
Power Supply Input. These parts can be operated from 4.5 V to 5.5 V, and the supply should be decoupled
with a 10 µF capacitor in parallel with a 0.1 µF capacitor to GND.
4
VREFB
DAC B Reference Input. This is the reference voltage input pin for DAC B.
5
VREFA
DAC A Reference Input. This is the reference voltage input pin for DAC A.
6
VOUTA
Analog Output Voltage from DAC A. The output amplifier has rail-to-rail operation.
7
VOUTC
Analog Output Voltage from DAC C. The output amplifier has rail-to-rail operation.
8
POR
Power-On Reset. Tying this pin to GND powers up the part to 0 V. Tying this pin to VDD powers up the
part to midscale.
9
VREFC
DAC C Reference Input. This is the reference voltage input pin for DAC C.
10
CLR
Asynchronous Clear Input. The CLR input is falling edge sensitive. When CLR is low, all LDAC pulses are
ignored. When CLR is activated, the input register and the DAC register are updated with the data
contained in the clear code register—zero, midscale, or full scale. Default setting clears the output to 0 V.
11
VREFD
DAC D Reference Input. This is the reference voltage input pin for DAC D.
12
VOUTD
Analog Output Voltage from DAC D. The output amplifier has rail-to-rail operation.
13
VOUTB
Analog Output Voltage from DAC B. The output amplifier has rail-to-rail operation.
14
GND
Ground Reference Point for All Circuitry on the Part.
15
DIN
Serial Data Input. This device has a 32-bit shift register. Data is clocked into the shift register on the
falling edge of the serial clock input.
16
SCLK
Serial Clock Input. Data is clocked into the shift register on the falling edge of the serial clock input. Data
can be transferred at rates of up to 50 MHz.


同様の部品番号 - AD5024BRUZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5024BRUZ AD-AD5024BRUZ Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
REV. 0
AD5024BRUZ AD-AD5024BRUZ Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad,SPI Interface
AD5024BRUZ-REEL7 AD-AD5024BRUZ-REEL7 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
REV. 0
AD5024BRUZ-REEL7 AD-AD5024BRUZ-REEL7 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad,SPI Interface
More results

同様の説明 - AD5024BRUZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5064 AD-AD5064_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5024 AD-AD5024_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5044 AD-AD5044_15 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
AD5024 AD-AD5024 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
REV. 0
AD5025 AD-AD5025_15 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5025 AD-AD5025_08 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5065 AD-AD5065_15 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5045 AD-AD5045_15 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5066 AD-AD5066_15 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5066BRUZ AD-AD5066BRUZ Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com