データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA6011A4PWPR データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA6011A4PWPR
部品情報  3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6011A4PWPR データシート(HTML) 1 Page - Texas Instruments

  TPA6011A4PWPR Datasheet HTML 1Page - Texas Instruments TPA6011A4PWPR Datasheet HTML 2Page - Texas Instruments TPA6011A4PWPR Datasheet HTML 3Page - Texas Instruments TPA6011A4PWPR Datasheet HTML 4Page - Texas Instruments TPA6011A4PWPR Datasheet HTML 5Page - Texas Instruments TPA6011A4PWPR Datasheet HTML 6Page - Texas Instruments TPA6011A4PWPR Datasheet HTML 7Page - Texas Instruments TPA6011A4PWPR Datasheet HTML 8Page - Texas Instruments TPA6011A4PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
APPLICATION CIRCUIT
PGND
ROUT-
PVDD
RHPIN
RLINEIN
RIN
VDD
LIN
LLINEIN
LHPIN
PVDD
LOUT-
1
ROUT+
SE/BTL
HP/LINE
VOLUME
SEDIFF
SEMAX
AGND
BYPASS
FADE
SHUTDOWN
LOUT+
PGND
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
CS
Ci
VDD
Right HP
Audio Source
Ci
Ci
CS
Ci
Ci
Ci
CS
Power Supply
Right Line
Audio Source
Left Line
Audio Source
Left HP
Audio Source
Power Supply
VDD
100 k
100 k
CC
In From DAC
or
Potentiometer
(DC Voltage)
C(BYP)
System
Control
CC
Right
Speaker
Left
Speaker
Headphone
s
1 k
1 k
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
30
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Volume [Pin 21] - V
DC VOLUME CONTROL
SE Volume,
SEDIFF [Pin 20] = 0 V
SE Volume,
SEDIFF [Pin 20] = 1 V
BTL Volume
BTL Volume (dB)
∝ Volume (V)
SE Volume (dB)
∝ Volume (V) - SEDIFF
(V)
TPA6011A4
SLOS392A – FEBRUARY 2002 – REVISED JULY 2004
3-W STEREO AUDIO POWER AMPLIFIER
WITH ADVANCED DC VOLUME CONTROL
Advanced DC Volume Control With 2-dB
The TPA6011A4 is a stereo audio power amplifier
Steps
that drives 3 W/channel of continuous RMS power
From -40 dB to 20 dB
into a 3-
Ω load. Advanced dc volume control
minimizes external components and allows BTL
– Fade Mode
(speaker) volume control and SE (headphone) vol-
– Maximum Volume Setting for SE Mode
ume control. Notebook and pocket PCs benefit from
– Adjustable SE Volume Control
the integrated feature set that minimizes external
Referenced to BTL Volume Control
components without sacrificing functionality.
3 W Into 3-
Ω Speakers
To simplify design, the speaker volume level is
adjusted by applying a dc voltage to the VOLUME
Stereo Input MUX
terminal. Likewise, the delta between speaker volume
Differential Inputs
and headphone volume can be adjusted by applying
a dc voltage to the SEDIFF terminal. To avoid an
unexpected
high
volume
level
through
the
Notebook PC
headphones, a third terminal, SEMAX, limits the
LCD Monitors
headphone volume level when a dc voltage is ap-
plied. Finally, to ensure a smooth transition between
Pocket PC
active and shutdown modes, a fade mode ramps the
volume up and down.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - TPA6011A4PWPR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6011A4PWP TI-TPA6011A4PWP Datasheet
529Kb / 31P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results

同様の説明 - TPA6011A4PWPR

メーカー部品番号データシート部品情報
logo
Eutech Microelectronics...
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6012A4 TI-TPA6012A4 Datasheet
668Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4 TI-TPA6011A4 Datasheet
529Kb / 31P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6011A EUTECH-EUA6011A Datasheet
809Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6013A4 TI1-TPA6013A4_16 Datasheet
1Mb / 30P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4PWP TI1-TPA6013A4PWP Datasheet
499Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4 TI-TPA6013A4 Datasheet
643Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Unisonic Technologies
PA3011 UTC-PA3011 Datasheet
234Kb / 7P
   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6029 EUTECH-EUA6029 Datasheet
673Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
EUA6021A EUTECH-EUA6021A Datasheet
665Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com