データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC124-FR-1010KL データシート(PDF) 9 Page - YAGEO Corporation

部品番号 TC124-FR-1010KL
部品情報  ARRAY CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  YAGEO [YAGEO Corporation]
ホームページ  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

TC124-FR-1010KL データシート(HTML) 9 Page - YAGEO Corporation

  TC124-FR-1010KL Datasheet HTML 1Page - YAGEO Corporation TC124-FR-1010KL Datasheet HTML 2Page - YAGEO Corporation TC124-FR-1010KL Datasheet HTML 3Page - YAGEO Corporation TC124-FR-1010KL Datasheet HTML 4Page - YAGEO Corporation TC124-FR-1010KL Datasheet HTML 5Page - YAGEO Corporation TC124-FR-1010KL Datasheet HTML 6Page - YAGEO Corporation TC124-FR-1010KL Datasheet HTML 7Page - YAGEO Corporation TC124-FR-1010KL Datasheet HTML 8Page - YAGEO Corporation TC124-FR-1010KL Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
SERIES
YC/TC
124 (RoHS Compliant)
Chip Resistor Surface Mount
www.yageo.com
Mar 09, 2011 V.3
Product specification
9
9
REVISION HISTORY
“ Yageo reserves all the rights for revising the content of this datasheet without further notification, as long as the products itself are unchanged. Any
product change will be announced by PCN.”
REVISION
DATE
CHANGE NOTIFICATION
DESCRIPTION
Version 3
Mar 09, 2011
-
- YC124 resistance range extended
Version 2
Oct 29, 2008
-
- Change to dual brand datasheet that describes YC/TC124 with RoHS
compliant
- Range extended to size TC124 (concave)
- Description of "Halogen Free Epoxy" added
- Define global part number
Version 1
Feb 04, 2005
-
- New datasheet for 4 × 0402 chip resistor arrays 1% and 5% with lead-
free terminations
- Replace the 4 × 0402 part of pdf files: ARV341_5_PbFree_L_0.pdf and
ARV342_1_PbFree_L_0.pdf
- Test method and procedure updated
Version 0
Dec 05, 2003
-
-


同様の部品番号 - TC124-FR-1010KL

メーカー部品番号データシート部品情報
logo
YAGEO Corporation
TC124-FR-10470KL YAGEO-TC124-FR-10470KL Datasheet
332Kb / 9P
   ARRAY CHIP RESISTORS YC/TC 124 (8Pin/4R)
More results

同様の説明 - TC124-FR-1010KL

メーカー部品番号データシート部品情報
logo
YAGEO Corporation
YC102-FR-070RL YAGEO-YC102-FR-070RL Datasheet
861Kb / 12P
   ARRAY CHIP RESISTORS
logo
MERITEK ELECTRONICS COR...
RTA MERITEK-RTA Datasheet
1Mb / 7P
   Chip Resistors Array
logo
YAGEO Corporation
1508227 YAGEO-1508227 Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
443424 YAGEO-443424 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC164 YAGEO-YC164 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-071K2L YAGEO-TC164-JR-071K2L Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-07560RL YAGEO-TC164-JR-07560RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-0727RL YAGEO-TC164-JR-0727RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
logo
List of Unclassifed Man...
YC248 ETC2-YC248 Datasheet
327Kb / 8P
   ARRAY CHIP RESISTORS
logo
YAGEO Corporation
TC164-JR-071KL YAGEO-TC164-JR-071KL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com