データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK1544 データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 2SK1544
部品情報  DC?묭C Converter and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK1544 データシート(HTML) 1 Page - Toshiba Semiconductor

  2SK1544 Datasheet HTML 1Page - Toshiba Semiconductor 2SK1544 Datasheet HTML 2Page - Toshiba Semiconductor 2SK1544 Datasheet HTML 3Page - Toshiba Semiconductor 2SK1544 Datasheet HTML 4Page - Toshiba Semiconductor 2SK1544 Datasheet HTML 5Page - Toshiba Semiconductor 2SK1544 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SK1544
2009-09-29
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π−MOSIII.5)
2SK1544
DC−DC Converter and Motor Drive Applications
Low drain−source ON resistance
: RDS (ON) = 0.15 Ω (typ.)
High forward transfer admittance
: |Yfs| = 21 S (typ.)
Low leakage current
: IDSS = 300 μA (max) (VDS = 500 V)
Enhancement mode
: Vth = 1.5 to 3.5 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain−source voltage
VDSS
500
V
Drain−gate voltage (RGS = 20 kΩ)
VDGR
500
V
Gate−source voltage
VGSS
±30
V
DC
(Note 1)
ID
25
Drain current
Pulse (Note 1)
IDP
100
A
Drain power dissipation (Tc = 25°C)
PD
200
W
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and
Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch−c)
0.625
°C / W
Thermal resistance, channel to
ambient
Rth (ch−a)
35.7
°C / W
Note 1: Ensure that the channel temperature does not exceed 150°C.
This transistor is an electrostatic-sensitive device.
Please handle with caution.
Unit: mm
JEDEC
JEITA
TOSHIBA
2-21F1B
Weight: 9.75 g (typ.)


同様の部品番号 - 2SK1544

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SK1544 TOSHIBA-2SK1544 Datasheet
570Kb / 6P
   N Channel MOS Type (pie -MOS III.5) High Speed, High Current DC-DC Converter, Relay Drive and Motor Drive Applications
2SK1544 TOSHIBA-2SK1544 Datasheet
756Kb / 6P
   N Channel MOS Type (pie -MOS III.5) High Speed, High Current DC-DC Converter, Relay Drive and Motor Drive Applications
logo
Inchange Semiconductor ...
2SK1544 ISC-2SK1544 Datasheet
67Kb / 2P
   Drain Current ?밒D=25A@ TC=25C
logo
Toshiba Semiconductor
2SK1544 TOSHIBA-2SK1544 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK1544 TOSHIBA-2SK1544_06 Datasheet
756Kb / 6P
   N Channel MOS Type (pie -MOS III.5) High Speed, High Current DC-DC Converter, Relay Drive and Motor Drive Applications
More results

同様の説明 - 2SK1544

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SK2717F TOSHIBA-2SK2717F Datasheet
494Kb / 6P
   DC?묭C Converter and Motor Drive Applications
2SJ681Q TOSHIBA-2SJ681Q Datasheet
187Kb / 6P
   Relay Drive, DC?묭C Converter and Motor Drive Applications
2SK2662T TOSHIBA-2SK2662T Datasheet
557Kb / 6P
   DC?묭C Converter, Relay Drive and Motor Drive Applications
2SJ349FT TOSHIBA-2SJ349FT Datasheet
400Kb / 6P
   DC?묭C Converter, Relay Drive and Motor Drive Applications
2SK2615TE12LF TOSHIBA-2SK2615TE12LF Datasheet
394Kb / 6P
   DC?묭C Converter, Relay Drive and Motor Drive Applications
2SK2545T TOSHIBA-2SK2545T Datasheet
439Kb / 6P
   DC?묭C Converter, Relay Drive and Motor Drive Applications
2SK2312F TOSHIBA-2SK2312F Datasheet
397Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive Applications
2SK2507F TOSHIBA-2SK2507F Datasheet
425Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive Applications
2SK2417F TOSHIBA-2SK2417F Datasheet
409Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive Applications
2SK2611T TOSHIBA-2SK2611T Datasheet
414Kb / 6P
   DC?묭C Converter, Relay Drive and Motor Drive
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com