データシートサーチシステム |
|
U-77 データシート(PDF) 3 Page - List of Unclassifed Manufacturers |
|
U-77 データシート(HTML) 3 Page - List of Unclassifed Manufacturers |
3 / 10 page 8 8 5-Contact Standard per MIL-C-55116 U-183/U RECEPTACLE Spring loaded contacts, solder terminals, mates with U-229/U, GC 217 & GC 217A. Other pin styles available. U-228/U PLUG Spring loaded contacts, barrel pin terminals,* mates with U-229/U, GC 217 & GC 217A. U-229/U PLUG Rigid contacts, barrel pin terminals,* mates with U-183/U, U-228/U & GC183S. *Solder pin terminals also available. .665/.655 .760/ Ø.750 1/8 MAX. PANEL L THICKNESS 51/64 MAX. 8/32 1 MAX. 31/32 ØMAX A A A A u u u u d d d d iiiio o o o |
同様の説明 - U-77 |