データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8001ANZ データシート(PDF) 11 Page - Analog Devices

部品番号 AD8001ANZ
部品情報  800 MHz, 50 mW Current Feedback Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8001ANZ データシート(HTML) 11 Page - Analog Devices

Back Button AD8001ANZ Datasheet HTML 7Page - Analog Devices AD8001ANZ Datasheet HTML 8Page - Analog Devices AD8001ANZ Datasheet HTML 9Page - Analog Devices AD8001ANZ Datasheet HTML 10Page - Analog Devices AD8001ANZ Datasheet HTML 11Page - Analog Devices AD8001ANZ Datasheet HTML 12Page - Analog Devices AD8001ANZ Datasheet HTML 13Page - Analog Devices AD8001ANZ Datasheet HTML 14Page - Analog Devices AD8001ANZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
REV. D
AD8001
–10–
THEORY OF OPERATION
A very simple analysis can put the operation of the AD8001, a
current feedback amplifier, in familiar terms. Being a current
feedback amplifier, the AD8001’s open-loop behavior is expressed
as transimpedance,
∆VO/∆I–IN, or TZ. The open-loop transimped-
ance behaves just as the open-loop voltage gain of a voltage
feedback amplifier, that is, it has a large dc value and decreases
at roughly 6 dB/octave in frequency.
Since the RIN is proportional to 1/gM, the equivalent voltage
gain is just TZ
× g
M, where the gM in question is the trans-
conductance of the input stage. This results in a low open-loop
input impedance at the inverting input, a now familiar result.
Using this amplifier as a follower with gain, Figure 4, basic
analysis yields the following result.
V
V
G
TS
TS
G
R
R
G
R
R
Rg
O
IN
Z
ZIN
IN
M
+
=+
=
()
()
/
1
1
1
2
150
VOUT
R1
R2
RIN
VIN
Figure 4. Follower with Gain
Recognizing that G
× R
IN << R1 for low gains, it can be seen to
the first order that bandwidth for this amplifier is independent
of gain (G). This simple analysis in conjunction with Figure 5
can, in fact, predict the behavior of the AD8001 over a wide
range of conditions.
FREQUENCY – Hz
1M
10
100k
1M
1G
100M
10M
100
100k
10k
1k
Figure 5. Transimpedance vs. Frequency
Considering that additional poles contribute excess phase at
high frequencies, there is a minimum feedback resistance below
which peaking or oscillation may result. This fact is used to
determine the optimum feedback resistance, RF. In practice,
parasitic capacitance at Pin 2 will also add phase in the feedback
loop, so picking an optimum value for RF can be difficult.
Figure 6 illustrates this problem. Here the fine scale (0.1 dB/
div) flatness is plotted versus feedback resistance. These plots
were taken using an evaluation card which is available to cus-
tomers so that these results may readily be duplicated.
Achieving and maintaining gain flatness of better than 0.1 dB at
frequencies above 10 MHz requires careful consideration of
several issues.
0.1
0
–0.9
1M
10M
100M
–0.1
–0.2
–0.3
–0.4
–0.5
FREQUENCY – Hz
–0.6
–0.7
–0.8
G = +2
RF =
649
RF = 698
RF = 750
Figure 6. 0.1 dB Flatness vs. Frequency
Choice of Feedback and Gain Resistors
Because of the above-mentioned relationship between the band-
width and feedback resistor, the fine scale gain flatness will, to
some extent, vary with feedback resistance. It, therefore, is
recommended that once optimum resistor values have been
determined, 1% tolerance values should be used if it is desired to
maintain flatness over a wide range of production lots. In addition,
resistors of different construction have different associated parasitic
capacitance and inductance. Surface-mount resistors were used
for the bulk of the characterization for this data sheet. It is not
recommended that leaded components be used with the AD8001.


同様の部品番号 - AD8001ANZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8001AN AD-AD8001AN Datasheet
222Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8001AN AD-AD8001AN Datasheet
335Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001AN AD-AD8001AN Datasheet
490Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001AN AD-AD8001AN Datasheet
329Kb / 17P
   Current Feedback Amplifier
More results

同様の説明 - AD8001ANZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8001 AD-AD8001 Datasheet
222Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8001ARTZ-REEL7 AD-AD8001ARTZ-REEL7 Datasheet
388Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_15 Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_03 Datasheet
335Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001ARZ AD-AD8001ARZ Datasheet
490Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002_01 Datasheet
372Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002 Datasheet
351Kb / 18P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8002ARZ AD-AD8002ARZ Datasheet
373Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002_15 Datasheet
590Kb / 21P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002ARZ-R7 AD-AD8002ARZ-R7 Datasheet
373Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com