データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB1268 データシート(PDF) 3 Page - Analog Intergrations Corporation

部品番号 LB1268
部品情報  3-Channel High-Current Low-Saturation Driver
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AIC [Analog Intergrations Corporation]
ホームページ  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

LB1268 データシート(HTML) 3 Page - Analog Intergrations Corporation

  LB1268 Datasheet HTML 1Page - Analog Intergrations Corporation LB1268 Datasheet HTML 2Page - Analog Intergrations Corporation LB1268 Datasheet HTML 3Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LB1268
3
n EQUIVALENT CIRCUIT
120
15K
1K
3.4K
2K
2K
240
240
6.8K
30K
30K
6.8K
TR6
TR5
TR4
TR3
TR2
TR1
OUT2
OUT1
OUT3
VCC
GND
D3
D2
D1
IN1
IN2
IN3
-20
0
20
40
60
80
0
200
400
600
800
900
75
785
Allowable Power Dissipation vs Temperature
Ambient Temperature (°C)
n PHYSICAL DIMENSIONS
l 8 LEAD PLASTIC DIP (unit: mm)
SYMBOL
MIN
MAX
A1
0.381
A2
2.92
4.96
b
0.35
0.56
C
0.20
0.36
D
9.01
10.16
E
7.62
8.26
E1
6.09
7.12
e
2.54 (TYP)
eB
10.92
b
e
L
A2
A1
eB
E
C
E1
D
L
2.92
3.81


同様の部品番号 - LB1268

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB1268 SANYO-LB1268 Datasheet
56Kb / 3P
   3-Channel, High-Current, Low-Saturation Driver Array?
More results

同様の説明 - LB1268

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB1268 SANYO-LB1268 Datasheet
56Kb / 3P
   3-Channel, High-Current, Low-Saturation Driver Array?
LB1267 SANYO-LB1267 Datasheet
54Kb / 3P
   2-Channel, High-Current, Low-Saturation Driver Array
LB1267M SANYO-LB1267M Datasheet
55Kb / 3P
   2-Channel, High-Current, Low-Saturation Driver Array
logo
Toshiba Semiconductor
TD62309P TOSHIBA-TD62309P Datasheet
248Kb / 7P
   6CH LOW SATURATION HIGH-CURRENT SING DRIVER
logo
Mitsubishi Electric Sem...
M5266P MITSUBISHI-M5266P Datasheet
263Kb / 5P
   LOW SATURATION OUTPUT TYPE CURRENT DRIVER
M5265P MITSUBISHI-M5265P Datasheet
285Kb / 5P
   LOW SATURATION OUTPUT TYPE CURRENT DRIVER
M5270L MITSUBISHI-M5270L Datasheet
252Kb / 5P
   LOW SATURATION OUTPUT TYPE CURRENT DRIVER
M5269L MITSUBISHI-M5269L Datasheet
140Kb / 5P
   LOW SATURATION OUTPUT TYPE CURRENT DRIVER
logo
Silicon Touch Technolog...
11-MD125 SITI-11-MD125 Datasheet
254Kb / 12P
   2 Channel Low Saturation & Constant Current DC Motor Driver
logo
Sanyo Semicon Device
LB1265 SANYO-LB1265 Datasheet
57Kb / 2P
   8-Channel Low-Saturation Driver?
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com