データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8037AR-REEL データシート(PDF) 10 Page - Analog Devices

部品番号 AD8037AR-REEL
部品情報  Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8037AR-REEL データシート(HTML) 10 Page - Analog Devices

Back Button AD8037AR-REEL Datasheet HTML 6Page - Analog Devices AD8037AR-REEL Datasheet HTML 7Page - Analog Devices AD8037AR-REEL Datasheet HTML 8Page - Analog Devices AD8037AR-REEL Datasheet HTML 9Page - Analog Devices AD8037AR-REEL Datasheet HTML 10Page - Analog Devices AD8037AR-REEL Datasheet HTML 11Page - Analog Devices AD8037AR-REEL Datasheet HTML 12Page - Analog Devices AD8037AR-REEL Datasheet HTML 13Page - Analog Devices AD8037AR-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8036/AD8037
REV. B
–9–
–30
–130
100k
100M
10M
1M
10k
–70
–50
–110
–90
FREQUENCY – Hz
VO = 2V p-p
VS = 5V
RL = 500
G = +2
2ND HARMONIC
3RD HARMONIC
TPC 31. AD8037 Harmonic Distortion vs. Frequency,
RL = 500
–30
–130
100k
100M
10M
1M
10k
–70
–50
–110
–90
FREQUENCY – Hz
VO = 2V p-p
VS = 5V
RL = 100
G = +2
2ND HARMONIC
3RD HARMONIC
TPC 32. AD8037 Harmonic Distortion vs. Frequency,
RL = 100
50
30
10
100
20
40
FREQUENCY – MHz
60
20
40
80
60
TPC 33. AD8037 Third Order Intercept vs. Frequency
1st
2nd
3rd
4th
5th
6th
7th
8th
9th 10th 11th
1st
2nd
3rd
4th
5th
6th
7th
8th
9th 10th 11th
0.03
0.02
0.01
0.00
–0.01
–0.02
–0.03
0.03
0.02
0.01
0.00
–0.01
–0.02
–0.03
TPC 34. AD8037 Differential Gain and Phase Error
G = +2, RL = 150
Ω, F = 3.58 MHz
SETTLING TIME – ns
0
5
10
15
20
25
30
35
40
45
–0.05
–0.04
–0.03
–0.02
–0.01
0
–0.01
–0.02
–0.03
–0.04
–0.05
TPC 35. AD8037 Short-Term Settling Time to 0.01%,
2 V Step, G = +2, RL = 100
SETTLING TIME –
s
0
2
4
6
8
10
12 14
16
18
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
TPC 36. AD8037 Long-Term Settling Time 2 V Step,
RL = 100


同様の部品番号 - AD8037AR-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8037AR-REEL AD-AD8037AR-REEL Datasheet
387Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. A
AD8037AR-REEL AD-AD8037AR-REEL Datasheet
425Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8037AR-REEL AD-AD8037AR-REEL Datasheet
658Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8037AR-REEL7 AD-AD8037AR-REEL7 Datasheet
387Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. A
AD8037AR-REEL7 AD-AD8037AR-REEL7 Datasheet
425Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
More results

同様の説明 - AD8037AR-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8036 AD-AD8036_15 Datasheet
658Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8036 AD-AD8036 Datasheet
387Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. A
AD8036ARZ AD-AD8036ARZ Datasheet
658Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8036_2000 AD-AD8036_2000 Datasheet
425Kb / 23P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD8037 AD-AD8037_15 Datasheet
658Kb / 24P
   Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
REV. B
AD9632 AD-AD9632_15 Datasheet
478Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. D
AD9631ARZ AD-AD9631ARZ Datasheet
702Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
AD9631 AD-AD9631 Datasheet
528Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. A
AD9631 AD-AD9631_15 Datasheet
478Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. D
AD9631 AD-AD9631_03 Datasheet
635Kb / 20P
   Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com