データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM1275 データシート(PDF) 9 Page - Analog Devices

部品番号 ADM1275
部品情報  Hot-Swap Controller and Digital Power
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM1275 データシート(HTML) 9 Page - Analog Devices

Back Button ADM1275 Datasheet HTML 5Page - Analog Devices ADM1275 Datasheet HTML 6Page - Analog Devices ADM1275 Datasheet HTML 7Page - Analog Devices ADM1275 Datasheet HTML 8Page - Analog Devices ADM1275 Datasheet HTML 9Page - Analog Devices ADM1275 Datasheet HTML 10Page - Analog Devices ADM1275 Datasheet HTML 11Page - Analog Devices ADM1275 Datasheet HTML 12Page - Analog Devices ADM1275 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
Data Sheet
ADM1275
Rev. D | Page 9 of 48
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
UV
OV
VCAP
TIMER
SS
ISET
VCC
SENSE–
GATE
GND
PWRGD
FLB
VOUT
GPO1/ALERT1/CONV
ADR
LATCH
GPO2/ALERT2
SDA
SCL
SENSE+
ADM1275-1
TOP VIEW
(Not to Scale)
Figure 3. ADM1275-1 Pin Configuration, QSOP
1
OV
2
VCAP
3
ISET
4
SS
5
TIMER
NOTES
1. SOLDER THE EXPOSED PADDLE TO
THE BOARD TO IMPROVE THERMAL
DISSIPATION. THE EXPOSED PADDLE
CAN BE CONNECTED TO GROUND.
13
14
15
12
11
FLB
VOUT
GND
PWRGD
SCL
ADM1275-1
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
Figure 4. ADM1275-1 Pin Configuration, LFCSP
Table 5. ADM1275-1 Pin Function Descriptions
Pin No.
QSOP
LFCSP
Mnemonic
Description
1
19
VCC
Positive Supply Input Pin. An undervoltage lockout (UVLO) circuit resets the device when a low
supply voltage is detected. GATE is held low when the supply is below UVLO. During normal
operation, this pin should remain greater than or equal to SENSE+ to ensure that specifications
are adhered to. No sequencing is required.
2
20
UV
Undervoltage Input Pin. An external resistor divider is used from the supply to this pin to allow an
internal comparator to detect whether the supply is under the UV limit.
3
1
OV
Overvoltage Input Pin. An external resistor divider is used from the supply to this pin to allow an
internal comparator to detect whether the supply is above the OV limit.
4
2
VCAP
Internal Regulated Supply. A capacitor with a value of 1 µF or greater should be placed on this pin
to maintain good accuracy. This pin can be used as a reference to program the ISET pin voltage.
5
3
ISET
This pin allows the current limit threshold to be programmed. The default limit is set when this pin
is connected directly to VCAP. To achieve a user-defined sense voltage, the current limit can be
adjusted using a resistor divider from VCAP. An external reference can also be used.
6
4
SS
Soft Start Pin. A capacitor is used on this pin to set the soft start ramp profile. The voltage on the
SS pin controls the current sense voltage limit, which controls the inrush current profile.
7
5
TIMER
Timer Pin. An external capacitor, CTIMER, sets an initial timing cycle delay and a fault delay. The GATE
pin is pulled low when the voltage on the TIMER pin exceeds the upper threshold.
8
6
LATCH
Signals that the device is latching off after an overcurrent fault. The device can be configured for
automatic retry after latch-off by connecting this pin directly back to the UV pin.
9
7
ADR
PMBus Address Pin. This pin can be tied to GND, tied to VCAP, left floating, or tied low through a
resistor to set four different PMBus addresses (see the Device Addressing section).
10
8
GPO1/ALERT1/
CONV
General-Purpose Digital Output (GPO1).
Alert (ALERT1). This pin can be configured to generate an alert signal when one or more fault or
warning conditions are detected.
Conversion (CONV). This pin can be used as an input signal to control when a power monitor ADC
sampling cycle begins.
At power-up, this pin defaults to a high impedance state. There is no internal pull-up on this pin.
11
9
GPO2/ALERT2
General-Purpose Digital Output (GPO2).
Alert (ALERT2). This pin can be configured to generate an alert signal when one or more fault or
warning conditions are detected.
At power-up, this pin indicates the FET health mode by default. There is no internal pull-up on this pin.


同様の部品番号 - ADM1275

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1270 AD-ADM1270 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ACPZ-R2 AD-ADM1270ACPZ-R2 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ACPZ-R7 AD-ADM1270ACPZ-R7 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ARQZ AD-ADM1270ARQZ Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ARQZ-R7 AD-ADM1270ARQZ-R7 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
More results

同様の説明 - ADM1275

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1075 AD-ADM1075 Datasheet
745Kb / 52P
   ??8 V Hot Swap Controller and Digital
REV. A
logo
Maxim Integrated Produc...
MAX5042 MAXIM-MAX5042_V01 Datasheet
1Mb / 22P
   Power MOSFETs and Hot-Swap Controller
2014
logo
Analog Devices
ADM1178 AD-ADM1178 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with AlertB Output
Rev. PrD May 2006
ADM1175 AD-ADM1175 Datasheet
693Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Convert Pin
REV. 0
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
   Hot Swap Controller
logo
Summit Microelectronics...
SMH4803 SUMMIT-SMH4803 Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com