データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM1275-1ARQZ データシート(PDF) 10 Page - Analog Devices

部品番号 ADM1275-1ARQZ
部品情報  Hot-Swap Controller and Digital Power
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM1275-1ARQZ データシート(HTML) 10 Page - Analog Devices

Back Button ADM1275-1ARQZ Datasheet HTML 6Page - Analog Devices ADM1275-1ARQZ Datasheet HTML 7Page - Analog Devices ADM1275-1ARQZ Datasheet HTML 8Page - Analog Devices ADM1275-1ARQZ Datasheet HTML 9Page - Analog Devices ADM1275-1ARQZ Datasheet HTML 10Page - Analog Devices ADM1275-1ARQZ Datasheet HTML 11Page - Analog Devices ADM1275-1ARQZ Datasheet HTML 12Page - Analog Devices ADM1275-1ARQZ Datasheet HTML 13Page - Analog Devices ADM1275-1ARQZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
ADM1275
Data Sheet
Rev. D | Page 10 of 48
Pin No.
QSOP
LFCSP
Mnemonic
Description
12
10
SDA
Serial Data Input/Output Pin. Open-drain input/output. Requires an external resistive pull-up.
13
11
SCL
Serial Clock Pin. Open-drain input. Requires an external resistive pull-up.
14
12
PWRGD
Power-Good Signal. Used to indicate that the supply is within tolerance. This signal is based on the
voltage present on the FLB pin.
15
13
FLB
Foldback Pin. A foldback resistor divider is placed from the source of the FET to this pin. Foldback is
used to reduce the current limit when the source voltage drops. The foldback feature ensures that
the power through the FET is not increased beyond the SOA limits.
16
14
VOUT
This pin is used to read back the output voltage using the internal ADC. A 1 kΩ resistor should be
inserted in series between the source of a FET and the VOUT pin.
17
15
GND
Chip Ground Pin.
18
16
GATE
Gate Output Pin. This pin is the high-side gate drive of an external N-channel FET. This pin is driven
by the FET drive controller, which uses a charge pump to provide a pull-up current to charge the FET
gate pin. The FET drive controller regulates to a maximum load current by regulating the GATE pin.
GATE is held low when the supply is below UVLO.
19
17
SENSE−
Negative Current Sense Input Pin. A sense resistor between the SENSE+ pin and the SENSE− pin sets
the analog current limit. The hot-swap operation of the ADM1275 controls the external FET gate to
maintain the sense voltage (VSENSE+ − VSENSE−). This pin also connects to the FET drain pin.
20
18
SENSE+
Positive Current Sense Input Pin. This pin connects to the main supply input. A sense resistor
between the SENSE+ pin and the SENSE− pin sets the analog current limit. The hot-swap operation
of the ADM1275 controls the external FET gate to maintain the sense voltage (VSENSE+ − VSENSE−). This
pin is also used to measure the supply input voltage using the ADC.
N/A
EP
EPAD
Exposed Paddle on Underside of LFCSP. Solder the exposed paddle to the board to improve thermal
dissipation. The exposed paddle can be connected to ground.


同様の部品番号 - ADM1275-1ARQZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1270 AD-ADM1270 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ACPZ-R2 AD-ADM1270ACPZ-R2 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ACPZ-R7 AD-ADM1270ACPZ-R7 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ARQZ AD-ADM1270ARQZ Datasheet
378Kb / 21P
   High Voltage Input Protection Device
ADM1270ARQZ-R7 AD-ADM1270ARQZ-R7 Datasheet
378Kb / 21P
   High Voltage Input Protection Device
More results

同様の説明 - ADM1275-1ARQZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1075 AD-ADM1075 Datasheet
745Kb / 52P
   ??8 V Hot Swap Controller and Digital
REV. A
logo
Maxim Integrated Produc...
MAX5042 MAXIM-MAX5042_V01 Datasheet
1Mb / 22P
   Power MOSFETs and Hot-Swap Controller
2014
logo
Analog Devices
ADM1178 AD-ADM1178 Datasheet
203Kb / 16P
   Hot Swap Controller and Digital Power Monitor with AlertB Output
Rev. PrD May 2006
ADM1175 AD-ADM1175 Datasheet
693Kb / 24P
   Hot Swap Controller and Digital Power Monitor with Convert Pin
REV. 0
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
   Hot Swap Controller
logo
Summit Microelectronics...
SMH4803 SUMMIT-SMH4803 Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com