データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM320C25GBM データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 SM320C25GBM
部品情報  DIGITAL SIGNAL PROCESSOR
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C25GBM データシート(HTML) 9 Page - Texas Instruments

Back Button SM320C25GBM Datasheet HTML 5Page - Texas Instruments SM320C25GBM Datasheet HTML 6Page - Texas Instruments SM320C25GBM Datasheet HTML 7Page - Texas Instruments SM320C25GBM Datasheet HTML 8Page - Texas Instruments SM320C25GBM Datasheet HTML 9Page - Texas Instruments SM320C25GBM Datasheet HTML 10Page - Texas Instruments SM320C25GBM Datasheet HTML 11Page - Texas Instruments SM320C25GBM Datasheet HTML 12Page - Texas Instruments SM320C25GBM Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
SMJ320C25, SMJ320C2550
DIGITAL SIGNAL PROCESSOR
SGUS007D – AUGUST 1988 – REVISED OCTOBER 2001
9
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
instruction set
The SMJ320C25 microprocessor implements a comprehensive instruction set that supports both
numeric-intensive signal processing operations as well as general-purpose applications, such as
multiprocessing and high-speed control.
For maximum throughput, the next instruction is prefetched while the current one is being executed. Since the
same data lines are used to communicate to external data/program or I/O space, the number of cycles may vary
depending upon whether the next data operand fetch is from internal or external program memory. Highest
throughput is achieved by maintaining data memory on-chip and using either internal or fast external program
memory.
addressing modes
The SMJ320C25 instruction set provides three memory addressing modes: direct, indirect, and immediate
addressing.
Both direct and indirect addressing can be used to access data memory. In direct addressing, seven bits of the
instruction word are concatenated with the nine bits of the data memory page pointer to form the 16-bit data
memory address. Indirect addressing accesses data memory through the eight auxiliary registers. In immediate
addressing, the data is based on a portion of the instruction word(s).
In direct memory addressing, the instruction word contains the lower seven bits of the data memory address.
This field is concatenated with the nine bits of the data memory page pointer to form the full 16-bit address. Thus,
memory is paged in the direct addressing mode with a total of 512 pages, each page containing 128 words.
Eight auxiliary register (AR0–AR7) provide flexible and powerful indirect addressing. To select a specific
auxiliary register, the Auxiliary Register Pointer (ARP) is loaded with a value from 0 through 7 for AR0–AR7,
respectively.
There are seven types of indirect addressing: auto-increment or auto-decrement, post-indexing by either adding
or subtracting the contents of AR0, or single indirect addressing with no increment or decrement and bit-reversal
addressing (used in FFTs) with increment or decrement. All operations are performed on the current auxiliary
register in the same cycle as the original instruction, followed by anew ARP value being loaded.
repeat feature
A repeat feature, used with instructions such as multiply/accumulates, block moves, I/O transfers, and table
read/writes, allows a single instruction to be performed up to 256 times. The repeat counter (RPTC) is loaded
with either a data memory value (RPT instruction) or an immediate value (RPTK instruction) .The value of this
operand is one less than the number of times that the next instruction is executed. Those instructions that are
normally multicycle are pipelined when using the repeat feature, and effectively become single-cycle
instructions.
instruction set summary
Table 1 lists the symbols and abbreviations used in Table 1, the instruction set summary, Table 2 consists
primarily of single-cycle,single-word instructions. Infrequently used branch, I/O, and CALL instructions are
multicycle. The instruction set summary is arranged according to function and alphabetized within each
functional grouping.


同様の部品番号 - SM320C25GBM

メーカー部品番号データシート部品情報
logo
Texas Instruments
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26BFJM TI1-SM320C26BFJM Datasheet
616Kb / 40P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26BGBM TI1-SM320C26BGBM Datasheet
616Kb / 40P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26BGBM TI1-SM320C26BGBM Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C2810-EP TI-SM320C2810-EP Datasheet
2Mb / 159P
[Old version datasheet]   Digital Signal Processors
More results

同様の説明 - SM320C25GBM

メーカー部品番号データシート部品情報
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com