データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ACT7882-15PN データシート(PDF) 10 Page - Texas Instruments

部品番号 SN74ACT7882-15PN
部品情報  CLOCKED FIRST-IN, FIRST-OUT MEMORY
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT7882-15PN データシート(HTML) 10 Page - Texas Instruments

Back Button SN74ACT7882-15PN Datasheet HTML 6Page - Texas Instruments SN74ACT7882-15PN Datasheet HTML 7Page - Texas Instruments SN74ACT7882-15PN Datasheet HTML 8Page - Texas Instruments SN74ACT7882-15PN Datasheet HTML 9Page - Texas Instruments SN74ACT7882-15PN Datasheet HTML 10Page - Texas Instruments SN74ACT7882-15PN Datasheet HTML 11Page - Texas Instruments SN74ACT7882-15PN Datasheet HTML 12Page - Texas Instruments SN74ACT7882-15PN Datasheet HTML 13Page - Texas Instruments SN74ACT7882-15PN Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
SN74ACT7882
2048
× 18
CLOCKED FIRST-IN, FIRST-OUT MEMORY
SCAS445C – JUNE 1994 – REVISED APRIL 1998
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range
Supply voltage range, VCC
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to a disabled 3-state output
–0.5 V to 5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 1): FN package
39
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PN package
62
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The package thermal impedance is calculated in accordance with JESD 51.
recommended operating conditions
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
–8
mA
IOL
Low-level output current
16
mA
TA
Operating free-air temperature
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
VOH
VCC = 4.5 V,
IOH = –8 mA
2.4
V
VOL
VCC = 4.5 V,
IOL = 16 mA
0.5
V
II
VCC = 5.5 V,
VI = VCC or 0
±5
µA
IOZ
VCC = 5.5 V,
VO = VCC or 0
±5
µA
I
§
VI = VCC – 0.2 V or 0
400
µA
ICC§
One input at 3.4 V,
Other inputs at VCC or GND
1
mA
Ci
VI = 0,
f = 1 MHz
4
pF
Co
VO = 0,
f = 1 MHz
8
pF
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ ICC is tested with outputs open.


同様の部品番号 - SN74ACT7882-15PN

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ACT7882 TI-SN74ACT7882 Datasheet
196Kb / 15P
[Old version datasheet]   2048 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7882FN TI-SN74ACT7882FN Datasheet
196Kb / 15P
[Old version datasheet]   2048 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7882PN TI-SN74ACT7882PN Datasheet
196Kb / 15P
[Old version datasheet]   2048 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results

同様の説明 - SN74ACT7882-15PN

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ABT3611 TI1-SN74ABT3611_05 Datasheet
459Kb / 29P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI1-SN74ABT3612_15 Datasheet
521Kb / 34P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7801 TI1-SN74ACT7801 Datasheet
279Kb / 19P
[Old version datasheet]   1024x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN54ABT7819 TI1-SN54ABT7819_13 Datasheet
315Kb / 22P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813-40DLR TI-SN74ACT7813-40DLR Datasheet
396Kb / 18P
[Old version datasheet]   64 x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7805 TI1-SN74ALVC7805_09 Datasheet
416Kb / 18P
[Old version datasheet]   LOW-POWER CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7803 TI-SN74ACT7803 Datasheet
241Kb / 16P
[Old version datasheet]   512 짰18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3641 TI-SN74ACT3641 Datasheet
379Kb / 26P
[Old version datasheet]   1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN54ACT3641 TI-SN54ACT3641 Datasheet
377Kb / 26P
[Old version datasheet]   1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN54ACT7881 TI-SN54ACT7881 Datasheet
193Kb / 15P
[Old version datasheet]   1024 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com