データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP006AIYZFR データシート(PDF) 10 Page - Texas Instruments

部品番号 TMP006AIYZFR
部品情報  Infrared Thermopile Sensor in Chip-Scale Package
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TMP006AIYZFR データシート(HTML) 10 Page - Texas Instruments

Back Button TMP006AIYZFR Datasheet HTML 6Page - Texas Instruments TMP006AIYZFR Datasheet HTML 7Page - Texas Instruments TMP006AIYZFR Datasheet HTML 8Page - Texas Instruments TMP006AIYZFR Datasheet HTML 9Page - Texas Instruments TMP006AIYZFR Datasheet HTML 10Page - Texas Instruments TMP006AIYZFR Datasheet HTML 11Page - Texas Instruments TMP006AIYZFR Datasheet HTML 12Page - Texas Instruments TMP006AIYZFR Datasheet HTML 13Page - Texas Instruments TMP006AIYZFR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
TMP006
TMP006B
SBOS518C – MAY 2011 – REVISED DECEMBER 2012
www.ti.com
TEMPERATURE REGISTER (TAMBIENT)
The Temperature Register of the TMP006 and TMP006B is configured as a 14-bit, read-only register (as shown
in Table 6) that stores the result of the most recent conversion for the local die temperature, TAMBIENT. Following
power-up or a software reset, the Temperature Register reads 0°C (0000h) until the first conversion is complete.
Table 6. Temperature Registers (Read Only)
POINTER
REGISTER
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
(HEX)
TAMBIENT
T13
T12
T11
T10
T9
T8
T7
T6
T5
T4
T3
T2
T1
T0
0
0
01h
Reset value
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
TEMPERATURE FORMAT
The Temperature Register data format of the TMP006 and TMP006B is reported in a binary twos complement
signed integer format, as Table 7 shows, with 1 LSB = 1/32°C = 0.03125.
Table 7. Temperature Data Format
TEMPERATURE (°C)
DIGITAL OUTPUT (BINARY)
SHIFTED HEX
150
0100 1011 0000 0000
12CO
125
0011 1110 1000 0000
0FA0
100
0011 0010 0000 0000
0C80
80
0010 1000 0000 0000
0A00
75
0010 0101 1000 0000
0960
50
0001 1001 0000 0000
0640
25
0000 1100 1000 0000
0320
0.03125
0000 0000 0000 0100
0001
0
0000 0000 0000 0000
0000
–0.03125
1111 1111 1111 1100
FFFC
–0.0625
1111 1111 1111 1000
FFF8
–25
1111 0011 0111 0000
F370
–40
1110 1011 1111 1100
EBFC
–55
1110 0100 0111 1100
E47C
Converting the integer temperature result of the TMP006 and TMP006B to physical temperature is done by right-
shifting the last two LSBs followed by a divide-by-32 of TREG to obtain the physical temperature result in degrees
Celsius. TREG is the 14-bit signed integer contained in the corresponding register. The sign of the temperature is
the same as the sign of the integer read from the TMP006 and TMP006B. In twos complement notation, the MSB
is the sign bit. If the MSB is '1', the integer is negative and the absolute value can be obtained by inverting all bits
and adding '1'. An alternative method of calculating the absolute value of negative integers is abs(i) = i xor
FFFFh + 1.
10
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links: TMP006 TMP006B


同様の部品番号 - TMP006AIYZFR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP006AIYZFR TI1-TMP006AIYZFR Datasheet
262Kb / 17P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
MAY2011
TMP006AIYZFR TI-TMP006AIYZFR Datasheet
466Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006AIYZFR TI1-TMP006AIYZFR Datasheet
1Mb / 38P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
More results

同様の説明 - TMP006AIYZFR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP006 TI1-TMP006 Datasheet
262Kb / 17P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
MAY2011
TMP006 TI1-TMP006_17 Datasheet
1Mb / 38P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006_1107 TI-TMP006_1107 Datasheet
466Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006 TI-TMP006_15 Datasheet
1Mb / 38P
[Old version datasheet]   TMP006/B Infrared Thermopile Sensor in Chip-Scale Package
logo
List of Unclassifed Man...
TP337 ETC1-TP337 Datasheet
214Kb / 9P
   Thermopile Infrared Sensor
OTC-236 ETC2-OTC-236 Datasheet
212Kb / 7P
   THERMOPILE INFRARED SENSOR
TS-1AMB ETC-TS-1AMB Datasheet
144Kb / 6P
   THERMOPILE INFRARED SENSOR
TP297A ETC2-TP297A Datasheet
239Kb / 8P
   THERMOPILE INFRARED SENSOR
OTC-238 ETC2-OTC-238 Datasheet
155Kb / 6P
   THERMOPILE INFRARED SENSOR
OTC-239 ETC2-OTC-239 Datasheet
186Kb / 7P
   THERMOPILE INFRARED SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com