データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD22100KRZ データシート(PDF) 6 Page - Analog Devices

部品番号 AD22100KRZ
部品情報  Voltage Output Temperature Sensor with Signal Conditioning
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD22100KRZ データシート(HTML) 6 Page - Analog Devices

Back Button AD22100KRZ Datasheet HTML 2Page - Analog Devices AD22100KRZ Datasheet HTML 3Page - Analog Devices AD22100KRZ Datasheet HTML 4Page - Analog Devices AD22100KRZ Datasheet HTML 5Page - Analog Devices AD22100KRZ Datasheet HTML 6Page - Analog Devices AD22100KRZ Datasheet HTML 7Page - Analog Devices AD22100KRZ Datasheet HTML 8Page - Analog Devices AD22100KRZ Datasheet HTML 9Page - Analog Devices AD22100KRZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD22100
Rev. D | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
2
1200
4
0
8
6
10
12
14
800
400
T (T0-92)
FLOW RATE (CFM)
T (SOIC)
16
Figure 5. Thermal Response vs. Flow Rate
50
1200
0
100
150
200
800
400
FLOW RATE (CFM)
(SOIC)
250
(T0-92)
Figure 6. Thermal Resistance vs. Flow Rate


同様の部品番号 - AD22100KRZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD22100KRZ-REEL71 AD-AD22100KRZ-REEL71 Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100KRZ-REEL71 AD-AD22100KRZ-REEL71 Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100KRZ-REEL71 AD-AD22100KRZ-REEL71 Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100KRZ-REEL71 AD-AD22100KRZ-REEL71 Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100KRZ1 AD-AD22100KRZ1 Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
More results

同様の説明 - AD22100KRZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD22100 AD-AD22100 Datasheet
230Kb / 6P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. B
AD22100 AD-AD22100_04 Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100STZ AD-AD22100STZ Datasheet
216Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ATZ AD-AD22100ATZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100KTZ AD-AD22100KTZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22103 AD-AD22103_15 Datasheet
431Kb / 6P
   3.3V Supply Voltage Output Temperature Sensor with Signal Conditioning
REV. 0
AD22103KTZ AD-AD22103KTZ Datasheet
431Kb / 6P
   33 V Supply, Voltage Output Temperature Sensor with Signal Conditioning
REV. 0
AD22103 AD-AD22103 Datasheet
224Kb / 6P
   3.3 V Supply, Voltage Output Temperature Sensor with Signal Conditioning
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com