データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC34931 データシート(PDF) 7 Page - Freescale Semiconductor, Inc

部品番号 MC34931
部品情報  34931 Industrial
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34931 データシート(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC34931 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34931 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34931 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34931 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34931 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34931 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34931 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34931 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34931 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
34931
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
POWER OUTPUTS OUT1, OUT2
Output-ON Resistance(14), ILOAD = 3.0 A
VPWR = 8.0 V, TJ = 25 °C
VPWR = 8.0 V, TJ = 150 °C
VPWR = 5.0 V, TJ = 150 °C
RDS(ON)
120
235
325
m
Ω
Output Current Regulation Threshold
TJ < TFB
TJ ≥ TFB (Foldback Region - see Figure 9 and Figure 11)(13)
ILIM
5.2
6.5
4.2
8.0
A
High Side Short-circuit Detection Threshold (Short Circuit to Ground)(13)
ISCH
11
13
16
A
Low Side Short-circuit Detection Threshold (Short Circuit to VPWR)(13)
ISCL
9.0
11
14
A
Output Leakage Current(15), Outputs off, VPWR = 28 V
VOUT = VPWR
VOUT = Ground
IOUTLEAK
-60
100
μA
Output MOSFET Body Diode Forward Voltage Drop, IOUT = 3.0 A
VF
2.0
V
Overtemperature Shutdown(13)
Thermal Limit @ TJ
Hysteresis @ TJ
TLIM
THYS
175
12
200
°C
Current Foldback at TJ
(13)
TFB
165
185
°C
Current Foldback to Thermal Shutdown Separation(13)
TSEP
10
15
°C
HIGH SIDE CURRENT SENSE FEEDBACK
Feedback Current (pin FB sourcing current)(16)
IOUT = 0 mA
IOUT = 300 mA
IOUT = 500 mA
IOUT = 1.5 A
IOUT = 3.0 A
IOUT = 6.0 A
IFB
0.0
0.0
0.35
2.86
5.71
11.43
270
0.775
3.57
7.14
14.29
50
750
1.56
4.28
8.57
17.15
μA
μA
mA
mA
mA
mA
STATUS FLAG(17)
Status Flag Leakage Current(18)
VSF = 5.0 V
ISFLEAK
5.0
μA
Status Flag SET Voltage(19)
ISF = 300 µA
VSFLOW
0.4
V
Notes
13.
This parameter is Guaranteed By Design.
14.
Output-ON resistance as measured from output to
VPWR and from output to GND.
15.
Outputs switched OFF via D1 or EN/D2.
16.
Accuracy is better than 20% from 0.5 A to 6.0 A. Recommended terminating resistor value: RFB = 270 Ω.
17.
Status Flag output is an open drain output requiring a pull-up resistor to logic VDD.
18.
Status Flag Leakage Current is measured with Status Flag HIGH and not SET.
19.
Status Flag Set Voltage measured with Status Flag LOW and SET with ISF = 300 μA. Maximum allowable sink current from this pin is
<500
μA. Maximum allowable pull-up voltage < 7.0 V.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 5.0 V
≤ VPWR ≤ 28 V, -40 °C ≤ TA ≤ 85 °C, GND = 0 V, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


同様の部品番号 - MC34931

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
MC34931EK NXP-MC34931EK Datasheet
284Kb / 2P
   Motor Driver Product Selector
2015-2016
MC34931SEK NXP-MC34931SEK Datasheet
284Kb / 2P
   Motor Driver Product Selector
2015-2016
More results

同様の説明 - MC34931

メーカー部品番号データシート部品情報
logo
Power System Technology
PST09 PST-PST09 Datasheet
251Kb / 4P
   Industrial
logo
General Electric Compan...
9440 GEC-9440 Datasheet
232Kb / 1P
   INDUSTRIAL
logo
Cherry Semiconductor Co...
G81-7040LUVEU-0 CHERRY-G81-7040LUVEU-0 Datasheet
154Kb / 2P
   INDUSTRIAL
logo
Power System Technology
FAB0402001 PST-FAB0402001 Datasheet
219Kb / 3P
   Industrial
logo
Red Lion Controls. Inc
VT-UIPM-431-H REDLION-VT-UIPM-431-H Datasheet
492Kb / 2P
   Industrial RTU
logo
Power System Technology
FAB9810012-16 PST-FAB9810012-16 Datasheet
216Kb / 3P
   Industrial / Medical
PST06 PST-PST06 Datasheet
285Kb / 4P
   Industrial / Transportation
PST20 PST-PST20 Datasheet
221Kb / 3P
   Industrial applications
logo
Analog Devices
HMC1040LP3CE AD-HMC1040LP3CE Datasheet
583Kb / 6P
   Industrial Sensors
logo
American Electronic Com...
DP6-OC AEC-DP6-OC Datasheet
50Kb / 2P
   industrial relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com