データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC34932 データシート(PDF) 9 Page - Freescale Semiconductor, Inc

部品番号 MC34932
部品情報  Dual 5.0 A H-Bridge
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34932 データシート(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC34932 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34932 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34932 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34932 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34932 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34932 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34932 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34932 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC34932 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
34932
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
TIMING DIAGRAMS
Figure 4. Output Delay Time
Figure 5. Disable Delay Time
.
Figure 6. Output Switching Time
Figure 7. Current Limit Blanking Time and Constant-OFF Time
5.0
VPWR
0
0
TIME
1.5 V
1.5 V
20%
80%
tDON
tDOFF
0V
5.0 V
0 V
TIME
1.5 V
tDDISABLE
90%
90%
90%
10%
10%
tF
tR
VPWR
0
TIME
ISC Short-circuit Detection Threshold
tB
5.0
tA
9.0
0.0
ILIM
6.5
tB = ILIM Blanking Time
tA = Constant-OFF Time (OUT1 and OUT2 Tri-stated)
Overload Condition
tON
TIME


同様の部品番号 - MC34932

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
MC34932EK NXP-MC34932EK Datasheet
284Kb / 2P
   Motor Driver Product Selector
2015-2016
MC34932SEK NXP-MC34932SEK Datasheet
284Kb / 2P
   Motor Driver Product Selector
2015-2016
More results

同様の説明 - MC34932

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC33886 MOTOROLA-MC33886 Datasheet
637Kb / 20P
   5.0 A H BRIDGE
logo
Freescale Semiconductor...
MC33886PVWR2 FREESCALE-MC33886PVWR2 Datasheet
705Kb / 27P
   5.0 A H-Bridge
33886 FREESCALE-33886 Datasheet
570Kb / 25P
   5.0 A H-Bridge
33886 FREESCALE-33886_07 Datasheet
575Kb / 25P
   5.0 A H-Bridge
MC33926 FREESCALE-MC33926 Datasheet
778Kb / 25P
   5.0 A Throttle Control H-Bridge
MC33932VW FREESCALE-MC33932VW Datasheet
960Kb / 28P
   5.0 A Throttle Control H-Bridge
33931 FREESCALE-33931 Datasheet
1Mb / 21P
   5.0 A Throttle Control H-bridge
MC33931 FREESCALE-MC33931_12 Datasheet
883Kb / 26P
   5.0 A Throttle Control H-bridge
logo
NXP Semiconductors
MC33931 NXP-MC33931 Datasheet
1Mb / 26P
   5.0 A Throttle Control H-bridge
Rev. 4.0, 10/2012
MC33932 NXP-MC33932 Datasheet
1Mb / 28P
   5.0 A Throttle Control H-Bridge
Rev. 5.0, 10/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com