データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB11873-TRM-E データシート(PDF) 8 Page - ON Semiconductor

部品番号 LB11873-TRM-E
部品情報  For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11873-TRM-E データシート(HTML) 8 Page - ON Semiconductor

Back Button LB11873-TRM-E Datasheet HTML 4Page - ON Semiconductor LB11873-TRM-E Datasheet HTML 5Page - ON Semiconductor LB11873-TRM-E Datasheet HTML 6Page - ON Semiconductor LB11873-TRM-E Datasheet HTML 7Page - ON Semiconductor LB11873-TRM-E Datasheet HTML 8Page - ON Semiconductor LB11873-TRM-E Datasheet HTML 9Page - ON Semiconductor LB11873-TRM-E Datasheet HTML 10Page - ON Semiconductor LB11873-TRM-E Datasheet HTML 11Page - ON Semiconductor LB11873-TRM-E Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
LB11873
No.A0081-8/14
Continued from preceding page.
Pin No.
Pin
Description
Equivalent Circuit
13
FCP
Current limiter circuit frequency characteristics
correction
Connect a capacitor (about 0.01
μF to 0.1μF)
between this pin and ground.
The output duty is determined by comparing the
voltage at this pin with the PWM oscillator
waveform.
14
PD
Phase comparator output
The phase error is converted to a pulse duty and
output from this pin.
15
EI
Error amplifier input
16
EO
Error amplifier output
17
FGFIL
FG filter
This pin is normally left open. If noise on the FG
signal is a problem, connect a capacitor (about
20pF or smaller) between this pin and ground.
Continued on next page.
VREG
300
Ω
13
14
300
Ω
15
16
17
VREG
VREG
300
Ω
VREG
40k
Ω
VREG
300
Ω


同様の部品番号 - LB11873-TRM-E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB11873 SANYO-LB11873 Datasheet
160Kb / 14P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
More results

同様の説明 - LB11873-TRM-E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870_07 Datasheet
194Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11870 SANYO-LB11870 Datasheet
204Kb / 14P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11872H SANYO-LB11872H Datasheet
125Kb / 13P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11872H SANYO-LB11872H_08 Datasheet
131Kb / 11P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11873 SANYO-LB11873 Datasheet
160Kb / 14P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11876 SANYO-LB11876 Datasheet
173Kb / 15P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB1876 SANYO-LB1876 Datasheet
118Kb / 14P
   Three-Phase Brushless Motor Driver for Polygon Mirror Motors
logo
Rohm
BD67929EFV ROHM-BD67929EFV Datasheet
280Kb / 15P
   Three-phase Brushless Motor Driver for Polygonal Mirrors
logo
Sanyo Semicon Device
LB1876 SANYO-LB1876_09 Datasheet
168Kb / 12P
   For Polygon Mirror Motors 3-phase Brushless Motor Driver
LB1980H SANYO-LB1980H Datasheet
140Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com