データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10LVEL40DWR2 データシート(PDF) 4 Page - ON Semiconductor

部品番号 MC10LVEL40DWR2
部品情報  3.3/5VECL Differential Phase?묯requency Detector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10LVEL40DWR2 データシート(HTML) 4 Page - ON Semiconductor

  MC10LVEL40DWR2 Datasheet HTML 1Page - ON Semiconductor MC10LVEL40DWR2 Datasheet HTML 2Page - ON Semiconductor MC10LVEL40DWR2 Datasheet HTML 3Page - ON Semiconductor MC10LVEL40DWR2 Datasheet HTML 4Page - ON Semiconductor MC10LVEL40DWR2 Datasheet HTML 5Page - ON Semiconductor MC10LVEL40DWR2 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC100LVEL40
http://onsemi.com
4
Table 5. LVNECL DC CHARACTERISTICS VCC = 0 V; VEE = −3.0 V (Note 5)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
38
45
38
47
38
47
mA
VOH
Output HIGH Voltage (Note 6)
−1085 −1005
−880
−1025
−955
−880
−1025
−955
−880
mV
VOL
Output LOW Voltage (Note 6)
−1830 −1695 −1555 −1810 −1705 −1620 −1810 −1705 −1620
mV
VIH
Input HIGH Voltage
(Single−Ended)
−1165
−880
−1165
−880
−1165
−880
mV
VIL
Input LOW Voltage (Single−Ended)
−1810
−1475 −1810
−1475 −1810
−1475
mV
VBB
Output Voltage Reference
−1.38
−1.26
−1.38
−1.26
−1.38
−1.26
V
VIHCMR
Input HIGH Voltage Common
Mode Range (Note 7)
Vpp < 500 mV
Vpp y 500 mV
−2.0
−1.8
−0.4
−0.4
−2.1
−1.9
−0.4
−0.4
−2.1
−1.9
−0.4
−0.4
V
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
Others
R, FB
0.5
−300
0.5
−300
0.5
−300
mA
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
5. Input and output parameters vary 1:1 with VCC. VEE can vary ± 0.3 V.
6. All loading with 50 W resistor to VCC − 2 V.
7. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input
signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and
1 V.
Table 6. AC CHARACTERISTICS VCC = 3.3 V; VEE = 0.0 V or VCC = 0 V; VEE = −3.3 V (Note 8)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Fmax
Maximum Toggle Frequency
TBD
TBD
TBD
GHz
tPLH
tPHL
Propagation Delay
R to U, FB to D
430
1200
630
1400
450
1250
650
1450
480
1370
680
1590
ps
VPP
Input Swing (Differential Configuration)
(Note 9)
150
1000
150
1000
150
1000
mV
tJITTER
Cycle−to−Cycle Jitter
TBD
TBD
TBD
ps
tr, tf
Output Rise/Fall Times
175
475
175
475
175
475
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
8. VEE can vary ± 0.3 V.
9. VPP(min) is minimum input swing for which AC parameters guaranteed. The device has a DC gain of ≈ 40.


同様の部品番号 - MC10LVEL40DWR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10LVEL40DWR2 ONSEMI-MC10LVEL40DWR2 Datasheet
114Kb / 6P
   3.3/5V ECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 8
MC10LVEL40DWR2G ONSEMI-MC10LVEL40DWR2G Datasheet
114Kb / 6P
   3.3/5V ECL Differential Phase?묯requency Detector
November, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com