データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC14017BDR2G データシート(PDF) 4 Page - ON Semiconductor

部品番号 MC14017BDR2G
部品情報  Decade Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14017BDR2G データシート(HTML) 4 Page - ON Semiconductor

  MC14017BDR2G Datasheet HTML 1Page - ON Semiconductor MC14017BDR2G Datasheet HTML 2Page - ON Semiconductor MC14017BDR2G Datasheet HTML 3Page - ON Semiconductor MC14017BDR2G Datasheet HTML 4Page - ON Semiconductor MC14017BDR2G Datasheet HTML 5Page - ON Semiconductor MC14017BDR2G Datasheet HTML 6Page - ON Semiconductor MC14017BDR2G Datasheet HTML 7Page - ON Semiconductor MC14017BDR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC14017B
http://onsemi.com
4
SWITCHING CHARACTERISTICS (Note 5) (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Vdc
Min
Typ
(Note 6)
Max
Unit
Output Rise and Fall Time
tTLH, tTHL = (1.5 ns/pF) CL + 25 ns
tTLH, tTHL = (0.75 ns/pF) CL + 12.5 ns
tTLH, tTHL = (0.55 ns/pF) CL + 9.5 ns
tTLH,
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time
Reset to Decode Output
tPLH, tPHL = (1.7 ns/pF) CL + 415 ns
tPLH, tPHL = (0.66 ns/PF) CL + 197 ns
tPLH, tPHL = (0.5 ns/pF) CL + 150 ns
tPLH,
tPHL
5.0
10
15
500
230
175
1000
460
350
ns
Propagation Delay Time
Clock to Cout
tPLH, tPHL = (1.7 ns/pF) CL + 315 ns
tPLH, tPHL = (0.66 ns/pF) CL + 142 ns
tPLH, tPHL = (0.5 ns/pF) CL + 100 ns
tPLH,
tPHL
5.0
10
15
400
175
125
800
350
250
ns
Propagation Delay Time
Clock to Decode Output
tPLH, tPHL = (1.7 ns/pF) CL + 415 ns
tPLH, tPHL = (0.66 ns/pF) CL + 197 ns
tPLH, tPHL = (0.5 ns/pF) CL + 150 ns
tPLH,
tPHL
5.0
10
15
500
230
175
1000
460
350
ns
Turn−Off Delay Time
Reset to Cout
tPLH = (1.7 ns/pF) CL + 315 ns
tPLH = (0.66 ns/pF) CL + 142 ns
tPLH = (0.5 ns/pF) CL + 100 ns
tPLH
5.0
10
15
400
175
125
800
350
250
ns
Clock Pulse Width
tw(H)
5.0
10
15
250
100
75
125
50
35
ns
Clock Frequency
fcl
5.0
10
15
5.0
12
16
2.0
5.0
6.7
MHz
Reset Pulse Width
tw(H)
5.0
10
15
500
250
190
250
125
95
ns
Reset Removal Time
trem
5.0
10
15
750
275
210
375
135
105
ns
Clock Input Rise and Fall Time
tTLH,
tTHL
5.0
10
15
No Limit
Clock Enable Setup Time
tsu
5.0
10
15
350
150
115
175
75
52
ns
Clock Enable Removal Time
trem
5.0
10
15
420
200
140
260
100
70
ns
5. The formulas given are for the typical characteristics only at 25_C.
6. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.


同様の部品番号 - MC14017BDR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC14017BDR2G ONSEMI-MC14017BDR2G Datasheet
144Kb / 8P
   Decade Counter
April, 2013 ??Rev. 8
MC14017BDR2G ONSEMI-MC14017BDR2G Datasheet
117Kb / 8P
   Decade Counter
August, 2014 ??Rev. 9
More results

同様の説明 - MC14017BDR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC14017BDR2G ONSEMI-MC14017BDR2G Datasheet
144Kb / 8P
   Decade Counter
April, 2013 ??Rev. 8
MC14017B ONSEMI-MC14017B_14 Datasheet
117Kb / 8P
   Decade Counter
August, 2014 ??Rev. 9
MC14017B ONSEMI-MC14017B_05 Datasheet
123Kb / 8P
   Decade Counter
August, 2005 ??Rev. 6
logo
Motorola, Inc
MC14017B MOTOROLA-MC14017B Datasheet
258Kb / 7P
   Decade Counter
logo
ON Semiconductor
MC14017B ONSEMI-MC14017B Datasheet
117Kb / 8P
   Decade Counter
August, 2000 ??Rev. 4
logo
STMicroelectronics
M74HC4017 STMICROELECTRONICS-M74HC4017 Datasheet
375Kb / 12P
   DECADE COUNTER/DIVIDER
logo
Raytheon Company
CK6476 RAYTHEON-CK6476 Datasheet
353Kb / 3P
   DECADE COUNTER TUBE
logo
Toshiba Semiconductor
TC4017BP TOSHIBA-TC4017BP_07 Datasheet
387Kb / 9P
   Decade Counter/Divider
logo
Hitachi Semiconductor
HD74HC4017 HITACHI-HD74HC4017 Datasheet
50Kb / 8P
   Decade Counter/Divider
HD14017B HITACHI-HD14017B Datasheet
102Kb / 8P
   Decade Counter/Divider
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com