データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LD-CUANDLD-PI データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 LD-CUANDLD-PI
部品情報  High Power Constant Current LED Driver
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

LD-CUANDLD-PI データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  LD-CUANDLD-PI Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INDUSTRIES CORP. 5625-A S. Arville, Las Vegas, NV 89118 Tel:702-364-9998 Fax: 702-364-1562 www.magtechind.com anz113d
2.56 [65.0]
1.38 [35.0]
0.91 [23.0]
DC OUTPUT
AC INPUT
LED Driver
Product
Specifications
ANZ#: 128d ,June 25, 2007
High Power Constant Current LED Driver
Wall-mount and Hook-up Wire
Total Power
10 Watts max.
Input Voltages
100-250 VAC
Number of Outputs
One
SPECIAL FEATURES
ELECTRICAL SPECIFICATIONS
• Compact size that maximize design flexibility.
• 2.56” x 1.38” x 0.90” (LxWxH)
• Full range AC input
• Available in Wall-mount and hookup wire style
• High efficiency reduce total power consumption
• Tight regulated constant current output to
maximize the LED performance
• Pre-adjusted C/C outputs
Input range
Frequency
Inrush current
Input current
Efficiency
EMI filtering
Maximum power
Output regulation
Hold up time
Protection
100 to 250 VAC, Full range
47 to 63 Hz
30.0 Amps maximum at any input range
0.3Amps maximum at 115/230 input range
65% typical at 120VAC and maximum load
FCC part 15J class B, CISPR 22 class B
12W
±5% @constant current mode
10ms minimum at 120 VAC and 80% of rated load
Overload protection, Short Circuit Protection
ENVIRONMENTAL
Operating temperature:
-20 to+60 º C
Storage temperature:
-20 to 80 º C
Humidity (Non-Condensing):
5% to 95%
Cooling:
Convection
Vibration Frequency:
5 to 55 Hz
MTBF:
>100,000 Hours at full load and 25ºC
ambient conditions (MIL-217E)
SAFETY
UL, cUL and CE certified
ORDERING INFORMATION
Model #
Output Voltage Range (VDC)
Output Current (mA)
Output Power (W)
LD-CU3503AF
4 ~ 12V
350mA
4.2-Watts
LD-CU3536AF
4 ~ 28V
350mA
10-Watts
LD-CU7006AF
4 ~ 12V
700mA
6.5-Watts
LD-CU7021AF
4 ~ 12V
700mA
9-Watts
LD-PI3503AF
4 ~ 12V
350mA
4.2-Watts
LD-PI3536AF
4 ~ 28V
350mA
10-Watts
LD-PI7006AF
4 ~ 12V
700mA
6.5-Watts
LD-PI7021AF
4 ~ 12V
700mA
9-Watts
MECHANICAL DRAWINGS
LD-XX = Enclose type
CU = Hook up wire style
PI = Wall-mount style
2.64 [67.0]
1.46 [37.0]
1.06 [27.0]
79 [2000]
LD-CU Series
LD-PI Series


同様の部品番号 - LD-CUANDLD-PI

メーカー部品番号データシート部品情報
logo
Marl International Limi...
LD-CUANDLD-PI MARL-LD-CUANDLD-PI Datasheet
39Kb / 1P
   High Power Constant Current LED Driver
More results

同様の説明 - LD-CUANDLD-PI

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LD1026 ETC1-LD1026 Datasheet
34Kb / 1P
   High Power Constant Current LED Driver
logo
Marl International Limi...
CC1512 MARL-CC1512 Datasheet
64Kb / 2P
   High Power Constant Current LED Driver
LD1007 MARL-LD1007 Datasheet
116Kb / 1P
   High Power Constant Current LED Driver
LD1026 MARL-LD1026 Datasheet
34Kb / 1P
   High Power Constant Current LED Driver
LD-CUANDLD-PI MARL-LD-CUANDLD-PI Datasheet
39Kb / 1P
   High Power Constant Current LED Driver
logo
List of Unclassifed Man...
CC1512 ETC1-CC1512 Datasheet
64Kb / 2P
   High Power Constant Current LED Driver
LP4100 ETC1-LP4100 Datasheet
138Kb / 2P
   High Power Constant Current LED Driver
logo
Marl International Limi...
LD1007 MARL-LD1007_15 Datasheet
116Kb / 1P
   High Power Constant Current LED Driver
LD1026 MARL-LD1026_15 Datasheet
34Kb / 1P
   High Power Constant Current LED Driver
CC1512 MARL-CC1512_15 Datasheet
64Kb / 2P
   High Power Constant Current LED Driver
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com