データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC34371 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 MC34371
部品情報  1.0mm FPC Connector - Bottom Contact
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

MC34371 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  MC34371 Datasheet HTML 1Page - List of Unclassifed Manufacturers MC34371 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PART NO.
ECN # REV
-A
REVISIONS
DESCRIPTION
DRAWN
DATE
DATE
DATE
CHECKD
APPRVD
Veena 18/11/08
18/11/08
02/12/08
Suresh
Farnell
RELEASED
1223 - Series
This data sheet and its contents (the "Information") belong to the Premier Farnell Group
(the "Group") or are licensed to it. No licence is granted for the use of it other than for
information purposes in connection with the products to which it relates. No licence
of any intellectual property rights is granted. The Information is subject to change with-
out notice and replaces all data sheets previously supplied. The Information supplied is
believed to be accurate but the Group assumes no responsibility for its accuracy or
completeness, any error in or omission from it or for any use made of it. Users of this
data sheet should check for themselves the Information and the suitability of the prod-
ucts for their purpose and not make any assumptions based on information included or
omitted. Liability for loss or damage resulting from any reliance on the Information or
use of it (including liability resulting from negligence or where the Group was aware of
the possibility of such loss or damage arising) is excluded. This will not operate to limit
or restrict the Group's liability for death or personal injury resulting from its negligence.
SPC MULTICOMP is the registered trademark of the Group. © Premier Farnell plc 2008.
TOLERANCES:
DRAWN BY:
Veena
Suresh
Farnell
CHECKED BY:
APPROVED BY:
DATE:
DRAWING TITLE:
1.0mm FPC Connector - Bottom Contact
1661251-TDS_DWG
M10001815
18/11/08
DATE:
SIZE
SCALE: NTS
U.O.M.: mm
SHEET:
2
OF 2
DWG NO.
ELECTRONIC FILE
REV
A
18/11/08
A
DATE:
02/12/08
UNLESS OTHERWISE
SPECIFIED,
DIMENSIONS ARE
FOR REFERENCE
PURPOSES ONLY.
Dimensions
Number of Positions
A
B
C
Part Number
6
5.0
7.2
13.4
1223-06-02
8
7.0
9.2
15.4
1223-08-02
10
9.0
11.2
17.4
1223-10-02
14
13.0
15.2
21.4
1223-14-02
16
15.0
17.2
23.4
1223-16-02
20
19.0
21.2
27.4
1223-20-02
26
25.0
27.2
33.4
1223-26-02
Dimensions : Millimetres
PCB Layout
Bottom Contact Type
02
Number of Contacts
06
1223
Part Number Explanation:
-
-
Dimensions : Millimetres
http://www.farnell.com
http://www.newark.com
http://www.cpc.co.uk


同様の部品番号 - MC34371

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC3437 MOTOROLA-MC3437 Datasheet
145Kb / 3P
   HEX BUS RECEIVER WITH INPUT HYSTERESIS
More results

同様の説明 - MC34371

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
6861XX14422 WURTH-6861XX14422 Datasheet
1Mb / 4P
   1.0MM ZIF FPC HORIZONTAL BOTTOM CONTACT TYPE - TAPE & REEL PACKAGING
logo
Tyco Electronics
1734592 MACOM-1734592 Datasheet
165Kb / 3P
   FPC CONNECTOR, 0.5mm PITCH, BOTTOM CONTACT, SMT TYPE
logo
Japan Aviation Electron...
FG2 JAE-FG2 Datasheet
199Kb / 4P
   0.2mm pitch, One-Touch, Bottom-Contact Connector for FPC
logo
Tyco Electronics
487952 MACOM-487952 Datasheet
52Kb / 2P
   1.0 mm, FPC Connector, Right Angle, SMT, Bottom Contact
logo
AVX Corporation
00-6200-512-230-000 AVX-00-6200-512-230-000 Datasheet
312Kb / 3P
   1.0mm Pitch RA Through hole / SMT Bottom contact Slide lock
logo
Wurth Elektronik GmbH &...
6861XX14122 WURTH-6861XX14122 Datasheet
920Kb / 2P
   1.0MM ZIF FPC HORIZONTAL TOP CONTACT TYPE - TAPE & REEL PACKAGING
686116183522 WURTH-686116183522 Datasheet
230Kb / 5P
   WR-FPC 1.00mm SMT Horizontal Bottom Contact - Low Profile
686118183522 WURTH-686118183522 Datasheet
230Kb / 5P
   WR-FPC 1.00mm SMT Horizontal Bottom Contact - Low Profile
686108183522 WURTH-686108183522 Datasheet
230Kb / 5P
   WR-FPC 1.00mm SMT Horizontal Bottom Contact - Low Profile
687116183722 WURTH-687116183722 Datasheet
231Kb / 5P
   WR-FPC 0.50mm SMT Horizontal Bottom Contact - Low Profile
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com