データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3248 データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM3248
部品情報  LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3248 データシート(HTML) 10 Page - Texas Instruments

Back Button LM3248 Datasheet HTML 6Page - Texas Instruments LM3248 Datasheet HTML 7Page - Texas Instruments LM3248 Datasheet HTML 8Page - Texas Instruments LM3248 Datasheet HTML 9Page - Texas Instruments LM3248 Datasheet HTML 10Page - Texas Instruments LM3248 Datasheet HTML 11Page - Texas Instruments LM3248 Datasheet HTML 12Page - Texas Instruments LM3248 Datasheet HTML 13Page - Texas Instruments LM3248 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
60
65
70
75
80
85
90
95
100
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Load Current (A)
0.8Vout
1.0Vout
1.5Vout
2.0Vout
2.5Vout
3.0Vout
3.5Vout_Boost
4.0Vout_Boost
C009
60
65
70
75
80
85
90
95
100
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Load Current (A)
0.8Vout
1.0Vout
1.5Vout
2.0Vout
2.5Vout
3.0Vout
3.5Vout
4.0Vout_Boost
C010
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
Input Voltage (V)
500mA
800mA
1A
1.5A
C006
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
Input Voltage (V)
500mA
800mA
1A
1.5A
C005
2.5
2.6
2.7
2.8
2.9
3.0
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Input Voltage (V)
C008
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
Input Voltage (V)
500mA
800mA
1A
1.5A
C007
LM3248
SNVSA01A – JULY 2013 – REVISED SEPTEMBER 2013
www.ti.com
TYPICAL CHARACTERISTICS
For all Efficiency vs Load Current graphs, L1=1276AS-H-1R0N, L3=1285AS-H-1R5N.
Switching Frequency
Output Voltage
vs
vs
Input Voltage
Input Voltage (VOUT = 3.0V)
Figure 3.
Figure 4.
Output Voltage
Output Voltage
vs
vs
Input Voltage (VOUT = 3.2V)
Input Voltage (VOUT = 3.4V)
Figure 5.
Figure 6.
Efficiency vs Load Current
Efficiency vs Load Current
VBATT=3.4V, MODE=3G4G, TBOOSTGATE=1ms
VBATT=3.7V, MODE=3G4G, TBOOSTGATE=1ms
Figure 7.
Figure 8.
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM3248


同様の部品番号 - LM3248

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3248 TI1-LM3248 Datasheet
1Mb / 31P
[Old version datasheet]   LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
REVISED SEPTEMBER 2013
LM3248TME/NOPB TI1-LM3248TME/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
REVISED SEPTEMBER 2013
LM3248TMX/NOPB TI1-LM3248TMX/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
REVISED SEPTEMBER 2013
More results

同様の説明 - LM3248

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3248 TI1-LM3248 Datasheet
1Mb / 31P
[Old version datasheet]   LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter
REVISED SEPTEMBER 2013
logo
Linear Technology
LTC3112 LINER-LTC3112_15 Datasheet
683Kb / 32P
   15V, 2.5A Synchronous Buck-Boost DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN28 SIGE-AATIAN28 Datasheet
130Kb / 6P
   1MHz 2.5A Buck DC/DC Converter
logo
STMicroelectronics
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
   Buck-boost DC-DC converter
February 2009 Rev 1
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
   Buck-Boost DC-DC converter
logo
STMicroelectronics
STBB1-AXX STMICROELECTRONICS-STBB1-AXX Datasheet
1Mb / 24P
   Buck-boost DC-DC converter
October 2014 Rev 4
logo
Anachip Corp
AP1503 ANACHIP-AP1503 Datasheet
151Kb / 5P
   300Khz, 2.5A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
TD1507 ETC1-TD1507 Datasheet
381Kb / 11P
   2.5A 150KHZ PWM Buck DC/DC Converter
logo
Diodes Incorporated
ZXLD1322 DIODES-ZXLD1322 Datasheet
279Kb / 17P
   BUCK/BOOST MODE DC-DC CONVERTER
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
   Boost/Buck/Inverting DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com