データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SC2482 データシート(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

部品番号 2SC2482
部品情報  TRANSISTOR (NPN)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
ホームページ  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

2SC2482 データシート(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  2SC2482 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WEJ
ELECTRONIC
CO.,LTD
2SC2482
TRANSISTOR (NPN)
FEATURE
Power dissipation
PCM:
0.9
W (Tamb=25
℃)
Collector current
ICM:
0.1
A
Collector-base voltage
V(BR)CBO:
300
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= 100µA , IE=0
300
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= 3 mA , IB=0
300
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 100µA, IC=0
7
V
Collector cut-off current
ICBO
VCB= 240 V , IE=0
1
µA
Collector cut-off current
ICEO
VCB= 220 V , IB=0
5
µA
Emitter cut-off current
IEBO
VEB= 7 V ,
IC=0
1
µA
DC current gain
hFE(1)
VCE=10 V, IC= 20mA
30
150
Collector-emitter saturation voltage
VCE(sat)
IC= 10 mA, IB= 1 mA
1
V
Base-emitter saturation voltage
VBE(sat)
IC= 10 mA, IB= 1 mA
1
V
Transition frequency
f T
VCE= 10 V, IC= 20mA
f = 30MHz
50
MHz
CLASSIFICATION OF hFE(1)
Rank
O
Y
Range
30-90
90-150
TO-92MOD
1. EMITTER
2. COLLECTOR
3. BASE
123
2SC2482
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


同様の部品番号 - 2SC2482

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SC2482 TOSHIBA-2SC2482 Datasheet
188Kb / 3P
   TRANSISTOR (HIGH VOLTAGE SWITCHING AND, COLOR TV HORIZ. DRIVER, CHROMA OUTPUT APPLICATIONS)
2SC2482 TOSHIBA-2SC2482 Datasheet
6Mb / 126P
   COLOUR TELEVISION C9PJ Chassis
2000
logo
List of Unclassifed Man...
2SC2482 ETC1-2SC2482 Datasheet
48Kb / 1P
   TO-92 Plastic Package Transistors (NPN)
logo
Unisonic Technologies
2SC2482 UTC-2SC2482 Datasheet
118Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
logo
Toshiba Semiconductor
2SC2482 TOSHIBA-2SC2482 Datasheet
133Kb / 5P
   Silicon NPN Epitaxial Type (PCT Process)
More results

同様の説明 - 2SC2482

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com