データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMZ30606RKGR データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMZ30606RKGR
部品情報  6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ30606RKGR データシート(HTML) 11 Page - Texas Instruments

Back Button LMZ30606RKGR Datasheet HTML 7Page - Texas Instruments LMZ30606RKGR Datasheet HTML 8Page - Texas Instruments LMZ30606RKGR Datasheet HTML 9Page - Texas Instruments LMZ30606RKGR Datasheet HTML 10Page - Texas Instruments LMZ30606RKGR Datasheet HTML 11Page - Texas Instruments LMZ30606RKGR Datasheet HTML 12Page - Texas Instruments LMZ30606RKGR Datasheet HTML 13Page - Texas Instruments LMZ30606RKGR Datasheet HTML 14Page - Texas Instruments LMZ30606RKGR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
LMZ30606
www.ti.com
SNVS995 – JULY 2013
Table 4. Recommended Input/Output Capacitors(1)
CAPACITOR CHARACTERISTICS
WORKING
VENDOR
SERIES
PART NUMBER
CAPACITANCE
ESR (2)
VOLTAGE
(µF)
(m
Ω)
(V)
Murata
X5R
GRM32ER61C476K
16
47
2
TDK
X5R
C3225X5R0J107M
6.3
100
2
Murata
X5R
GRM32ER60J107M
6.3
100
2
TDK
X5R
C3225X5R0J476K
6.3
47
2
Murata
X5R
GRM32ER60J476M
6.3
47
2
Sanyo
POSCAP
10TPE220ML
10
220
25
Kemet
T520
T520V107M010ASE025
10
100
25
Sanyo
POSCAP
6TPE100MPB
6.3
100
25
Sanyo
POSCAP
2R5TPE220M7
2.5
220
7
Kemet
T530
T530D227M006ATE006
6.3
220
6
Kemet
T530
T530D337M006ATE010
6.3
330
10
Sanyo
POSCAP
2TPF330M6
2.0
330
6
Sanyo
POSCAP
6TPE330MFL
6.3
330
15
(1)
Capacitor Supplier Verification
Please verify availability of capacitors identified in this table.
RoHS, Lead-free and Material Details
Please consult capacitor suppliers regarding material composition, RoHS status, lead-free status, and manufacturing process
requirements.
(2)
Maximum ESR @ 100kHz, 25°C.
Transient Response
Table 5. Output Voltage Transient Response
CIN1 = 1 x 47 µF CERAMIC, CIN2 = 220 µF POLYMER-TANTALUM
VOLTAGE DEVIATION (mV)
RECOVERY TIME
VOUT (V)
VIN (V)
COUT1 Ceramic
COUT2 BULK
2 A LOAD STEP,
3 A LOAD STEP,
(µs)
(1 A/µs)
(1 A/µs)
47 µF
330 µF
35
45
60
3.3
47 µF
470 µF
30
40
60
0.8
47 µF
330 µF
30
40
60
5
47 µF
470 µF
25
35
60
47 µF
330 µF
45
65
60
3.3
47 µF
470 µF
40
60
60
1.2
47 µF
330 µF
40
65
60
5
47 µF
470 µF
35
60
60
47 µF
220 µF
65
90
70
3.3
47 µF
330 µF
60
85
70
1.8
47 µF
220 µF
60
85
70
5
47 µF
330 µF
50
75
70
3x 47 µF
-
95
150
70
2.5
5
3x 47 µF
100 µF
85
125
70
3x 47 µF
-
120
180
70
3.3
5
3x 47 µF
100 µF
100
150
70
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMZ30606


同様の部品番号 - LMZ30606RKGR

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ30606RKGR TI1-LMZ30606RKGR Datasheet
827Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
More results

同様の説明 - LMZ30606RKGR

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ30606 TI1-LMZ30606 Datasheet
827Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
841Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI1-LMZ30602 Datasheet
885Kb / 25P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI-LMZ30602 Datasheet
1Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI-LMZ30606_15 Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
992Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI-LMZ30602_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI-LMZ30604_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com