データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMZ35003 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMZ35003
部品情報  2.5A SIMPLE SWITCHER짰 Power Module with 7V-50V Input in QFN Package
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ35003 データシート(HTML) 5 Page - Texas Instruments

  LMZ35003 Datasheet HTML 1Page - Texas Instruments LMZ35003 Datasheet HTML 2Page - Texas Instruments LMZ35003 Datasheet HTML 3Page - Texas Instruments LMZ35003 Datasheet HTML 4Page - Texas Instruments LMZ35003 Datasheet HTML 5Page - Texas Instruments LMZ35003 Datasheet HTML 6Page - Texas Instruments LMZ35003 Datasheet HTML 7Page - Texas Instruments LMZ35003 Datasheet HTML 8Page - Texas Instruments LMZ35003 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LMZ35003
www.ti.com
SNVS988 – JULY 2013
PIN DESCRIPTIONS
TERMINAL
DESCRIPTION
NAME
NO.
1
4
5
These pins are connected to the internal analog ground (AGND) of the device. This node should be treated
as the zero volt ground reference for the analog control circuitry. Pad 37 should be connected to PCB
30
AGND
ground planes using multiple vias for good thermal performance. Not all pins are connected together
32
internally. All pins must be connected together externally with a copper plane or pour directly under the
module. Connect AGND to PGND at a single point (GND_PT; pins 8 & 9). See Layout Recommendations.
33
34
37
2
Do Not Connect. Do not connect these pins to AGND, to another DNC pin, or to any other voltage. These
DNC
3
pins are connected to internal circuitry. Each pin must be soldered to an isolated pad.
25
6
7
21
22
Phase switch node. Do not place any external component on these pins or tie them to a pin of another
PH
function.
23
24
38
41
8
Ground Point. Connect AGND to PGND at these pins as shown in the Layout Considerations. These pins
GND_PT
are not connected to internal circuitry, and are not connected to one other.
9
10
11
12
Output voltage. These pins are connected to the internal output inductor. Connect these pins to the output
VOUT
13
load and connect external bypass capacitors between these pins and PGND. Connect a resistor from these
pins to VADJ to set the output voltage.
14
15
39
16
17
This is the return current path for the power stage of the device. Connect these pins to the load and to the
18
PGND
bypass capacitors associated with VIN and VOUT. Pad 40 should be connected to PCB ground planes using
19
multiple vias for good thermal performance.
20
40
Input voltage. This pin supplies all power to the converter. Connect this pin to the input supply and connect
VIN
26
bypass capacitors between this pin and PGND.
Inhibit and UVLO adjust pin. Use an open drain or open collector logic device to ground this pin to control
INH/UVLO
27
the INH function. A resistor divider between this pin, AGND, and VIN sets the UVLO voltage.
Slow-start and tracking pin. Connecting an external capacitor to this pin adjusts the output voltage rise time.
SS/TR
28
A voltage applied to this pin allows for tracking and sequencing control.
Slow-start or track feature select. Connect this pin to AGND to enable the internal SS capacitor. Leave this
STSEL
29
pin open to enable the TR feature.
This pin is connected to an internal frequency setting resistor which sets the default switching frequency. An
RT/CLK
31
external resistor can be connected from this pin to AGND to increase the frequency. This pin can also be
used to synchronize to an external clock.
Power Good flag pin. This open drain output asserts low if the output voltage is more than approximately
PWRGD
35
±6% out of regulation. A pull-up resistor is required.
VADJ
36
Connecting a resistor between this pin and VOUT sets the output voltage.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMZ35003


同様の部品番号 - LMZ35003

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ35003 TI-LMZ35003_15 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A SIMPLE SWITCHER짰 Power Module with 7V-50V Input in QFN Package
More results

同様の説明 - LMZ35003

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ35003 TI-LMZ35003_15 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A SIMPLE SWITCHER짰 Power Module with 7V-50V Input in QFN Package
LMZ31520 TI1-LMZ31520 Datasheet
766Kb / 30P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ30602 TI-LMZ30602_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI-LMZ30604_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI-LMZ30606_15 Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ31520 TI-LMZ31520_15 Datasheet
1Mb / 32P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
992Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ31506H TI-LMZ31506H_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMZ31530 TI1-LMZ31530 Datasheet
768Kb / 30P
[Old version datasheet]   30A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31503 TI-LMZ31503_15 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com