データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SB07-03C データシート(PDF) 1 Page - ON Semiconductor

部品番号 SB07-03C
部品情報  Schottky Barrier Diode 30V, 0.7A, Low IR, Single CP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SB07-03C データシート(HTML) 1 Page - ON Semiconductor

  SB07-03C Datasheet HTML 1Page - ON Semiconductor SB07-03C Datasheet HTML 2Page - ON Semiconductor SB07-03C Datasheet HTML 3Page - ON Semiconductor SB07-03C Datasheet HTML 4Page - ON Semiconductor SB07-03C Datasheet HTML 5Page - ON Semiconductor SB07-03C Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
91212 TKIM/O2407SB TIIM AX-9641/33098HA(KT)/D288AT,TS No.2997-1/6
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
September, 2013
SB07-03C
Schottky Barrier Diode
30V, 0.7A, Low IR, Single CP
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Product & Package Information
• Package
: CP
• JEITA, JEDEC
: SC-59, TO-236, SOT-23, TO-236AB
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TB
Marking
Electrical Connection
1 : Anode
2 : No Contact
3 : Cathode
CP
12
3
2.9
0.95
0.4
0.1
TB
J
SB07-03C-TB-E
3
12
Applications
High frequency rectification (switching regulators, converters, choppers)
Features
Low forward voltage (VF max=0.55V)
Fast reverse recovery time (trr max=10ns)
Low switching noise
Low leakage current and high reliability due to highly reliable planar structure
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
30
V
Nonrepetitive Peak Reverse Surge Voltage
VRSM
35
V
Average Output Current
I
O
700
mA
Surge Forward Current
I
FSM
50Hz sine wave, 1 cycle
5
A
Junction Temperature
Tj
--55 to +125
°C
Storage Temperature
Tstg
--55 to +125
°C
Package Dimensions
unit : mm (typ)
7013A-004
Ordering number : EN2997C


同様の部品番号 - SB07-03C

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
SB07-03C SANYO-SB07-03C Datasheet
57Kb / 2P
   30V, 700mA Rectifier
SB07-03C SANYO-SB07-03C Datasheet
64Kb / 3P
   30V, 700mA Rectifier
SB07-03C SANYO-SB07-03C Datasheet
64Kb / 3P
   30V, 700mA Rectifier
SB07-03C SANYO-SB07-03C Datasheet
64Kb / 3P
   30V, 700mA Rectifier
logo
Zhaoxingwei Electronics...
SB07-03C ZHAOXINGWEI-SB07-03C Datasheet
171Kb / 2P
   High frequency rectification (switching regulators, converters, choppers).
More results

同様の説明 - SB07-03C

メーカー部品番号データシート部品情報
logo
ON Semiconductor
SB01-15C-TB-E ONSEMI-SB01-15C-TB-E Datasheet
312Kb / 6P
   Schottky Barrier Diode 150V, 0.1A, Low IR, Single CP
September, 2013
SB1003M3-TL-E ONSEMI-SB1003M3-TL-E Datasheet
316Kb / 6P
   Schottky Barrier Diode 30V, 1A, Low IR, Single MCPH3
September, 2013
logo
Sanyo Semicon Device
SBE813 SANYO-SBE813 Datasheet
40Kb / 3P
   Low IR Schottky Barrier Diode 30V, 3.0A Rectifier
SB0503EC SANYO-SB0503EC Datasheet
51Kb / 3P
   Low IR Schottky Barrier Diode 30V, 0.5A Rectifier
SB3003CH SANYO-SB3003CH Datasheet
43Kb / 3P
   Low IR Schottky Barrier Diode Low IR Schottky Barrier Diode
logo
Fuji Electric
MS868C12 FUJI-MS868C12 Datasheet
625Kb / 5P
   Low IR Schottky Barrier Diode
PG865C15R FUJI-PG865C15R Datasheet
567Kb / 5P
   Low IR Schottky Barrier Diode
YA862C04R FUJI-YA862C04R Datasheet
134Kb / 3P
   Low IR Schottky barrier diode
TS862C10R FUJI-TS862C10R Datasheet
145Kb / 3P
   Low IR Schottky barrier diode
YG865C06R FUJI-YG865C06R Datasheet
134Kb / 3P
   Low IR Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com