データシートサーチシステム |
|
SLXT973QEA3V データシート(PDF) 5 Page - List of Unclassifed Manufacturers |
|
SLXT973QEA3V データシート(HTML) 5 Page - List of Unclassifed Manufacturers |
5 / 20 page Page 5 Cortina Systems® LXT973 10/100 Mbps Dual-Port Fast Ethernet PHY Transceiver LXT973 PHY Transceiver Specification Update 249737, Revision 10.0 20 March 2007 2.0 Preface 2.0 Preface This document is an update to the specifications contained in the Affected Documents/ Related Documents table below. This document is a compilation of device and documentation errata, specification clarifications and changes. It is intended for hardware system manufacturers and software developers of applications, operating systems, or tools. Information types defined in Nomenclature are consolidated into the specification update and are no longer published in other documents. This document may also contain information that was not previously published. 2.1 Affected Documents/Related Documents 2.2 Nomenclature Errata are design defects or errors. These may cause the behavior of the Cortina Systems® LXT973 10/100 Mbps Dual-Port Fast Ethernet PHY Transceiver (LXT973 PHY Transceiver) to deviate from published specifications. Hardware and software designed to be used with any given stepping must assume that all errata documented for that stepping are present on all devices. Specification Changes are modifications to the current published specifications. These changes will be incorporated in any new release of the specification. Specification Clarifications describe a specification in greater detail or further highlight a specification’s impact to a complex design situation. These clarifications will be incorporated in any new release of the specification. Documentation Changes include typos, errors, or omissions from the current published specifications. These will be incorporated in any new release of the specification. Note: Errata remain in the specification update throughout the product’s lifecycle, or until a particular stepping is no longer commercially available. Under these circumstances, errata removed from the specification update are archived and available upon request. Specification changes, specification clarifications and documentation changes are removed from the specification update when the appropriate changes are made to the appropriate product specification or user documentation (datasheets, manuals, etc.). Title Document Number LXT973 10/100Mbps 2-Port Fast Ethernet PHY Transceiver Datasheet 249426 LXT973 Frequently Asked Questions 249708 LXD973 Development Kit Manual (Demo Board) 249719 LXD973 Design and Layout Guide 249631 |
同様の部品番号 - SLXT973QEA3V |
|
同様の説明 - SLXT973QEA3V |