データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL1105FF250Q データシート(PDF) 1 Page - E-SWITCH

部品番号 TL1105FF250Q
部品情報  TACT SWITCHES - 6mm x 6mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  E-SWITCH [E-SWITCH]
ホームページ  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TL1105FF250Q データシート(HTML) 1 Page - E-SWITCH

  TL1105FF250Q Datasheet HTML 1Page - E-SWITCH TL1105FF250Q Datasheet HTML 2Page - E-SWITCH TL1105FF250Q Datasheet HTML 3Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
(None) = 4.3mm
A= 5.0mm
B= 9.5mm
SP = 2.8mm
SERIES
OPERATING
FORCE
CONTACT MTL./
TERMINATION
(None) = 4.3mm
A= 5.0mm
B= 9.5mm
C= 8.0mm
D = 13.0mm
E= 7.3mm
F= 7.0mm
G= 9.7mm
H = 12.5mm
K = 13.5mm
(Not available for
LL Series)
L = 17.0mm
P= 8.5mm
Y = 16.3mm
T = 2.4mm
SP = 2.8mm
ACTUATOR
("L" Dimension)
1105
F100
F160
F250
Q = Silver
R = Gold
See Cap Options
Caps available for
SP option only.
CAP
(Where Avail.)
CAP
COLOR
MODEL NO.
Example Ordering Number
TL _ 1105_ SP_ F160 _ Q _1R RED
TACT SWITCHES - 6mm x 6mm
SPECIFICATIONS
Contact Rating:
50mA @ 12 VDC (50mA @ 50VDC-gold)
Life Expectancy:
100,000 cycles
Contact Resistance:
100mΩ max., typical @ 2-4 VDC
100mA for both silver and gold plated contacts
Insulation Resistance:
100MΩ min.
Dielectric Strength:
250 VAC
Actuation Force:
100 ± 50 gf, 160 ± 50 gf, 250 ± 50 gf
Operating Temperature: -20°C to 70°C
Travel:
0.25 Typ
MATERIALS
Housing:
Nylon or PBT
Actuator:
Nylon, Acetal or PBT
Cover:
Polyester
Contacts:
Gold or silver plated
Terminals:
Silver plated brass
HOW TO ORDER
TL
TLE = Earth Ground
LL = Long Life
V = 3.85mm
W = 3.15mm
X = 5.85mm
R = 6.15mm
M = 6.85mm
S = 8.35mm
N = 11.85mm
Q = 15.85mm
J = 2.4mm
JA = 2.8mm
1105
(Rt. Angle)
F100
F160
F250
Q = Silver
R = Gold
See Cap Options
Caps available for
JA option only.
TL
LL = Long Life
– Square Snap-on Actuator Head
“L” Dimension is 6.35mm
Note: Contact E-Switch for additional
Operating Force Options.
Specifications subject to change without notice.
– Square Snap-on Actuator Head
“L” Dimension is 7.5mm
FEATURES & BENEFITS
Reliable dome contact technology
Strong tactile/audible feedback
Multiple operating force options
APPLICATIONS/MARKETS
Telecommunications
Consumer Electronics
Audio/visual
Medical
Testing/instrumentation
Computer/servers/peripherals
Phone: 800-867-2717
Fax: 763-531-8235
24
SERIES TL1105 SWITCHES


同様の部品番号 - TL1105FF250Q

メーカー部品番号データシート部品情報
logo
E-SWITCH
TL1105FF250Q E-SWITCH-TL1105FF250Q Datasheet
240Kb / 3P
   SERIES TL1105 SWITCHES TACT SWITCHES - 6mm x 6mm
TL1105FF250Q E-SWITCH-TL1105FF250Q Datasheet
240Kb / 3P
   TACT SWITCHES - 6mm x 6mm
TL1105FF250Q E-SWITCH-TL1105FF250Q Datasheet
1Mb / 4P
   TACT SWITCHES - 6mm x 6mm
More results

同様の説明 - TL1105FF250Q

メーカー部品番号データシート部品情報
logo
E-SWITCH
TL1105SF250Q E-SWITCH-TL1105SF250Q Datasheet
1Mb / 4P
   TACT SWITCHES - 6mm x 6mm
TL1105 E-SWITCH-TL1105 Datasheet
240Kb / 3P
   TACT SWITCHES - 6mm x 6mm
TL1105DF250Q E-SWITCH-TL1105DF250Q Datasheet
240Kb / 3P
   TACT SWITCHES - 6mm x 6mm
logo
List of Unclassifed Man...
TL1105 ETC2-TL1105 Datasheet
239Kb / 3P
   TACT SWITCHES - 6mm x 6mm
logo
E-SWITCH
TL3301 E-SWITCH-TL3301 Datasheet
229Kb / 2P
   TACT SWITCHES SMT - 6mm x 6mm
TL3303 E-SWITCH-TL3303 Datasheet
118Kb / 1P
   TACT SWITCHES SMT - 6mm x 6mm
TL1105AF160Q E-SWITCH-TL1105AF160Q Datasheet
240Kb / 3P
   SERIES TL1105 SWITCHES TACT SWITCHES - 6mm x 6mm
logo
List of Unclassifed Man...
ADTSM32NV ETC2-ADTSM32NV Datasheet
143Kb / 3P
   3.5 x 6mm TACT SWITCH
MJTP_6MM ETC2-MJTP_6MM Datasheet
343Kb / 5P
   MJTP SERIES 6MM THRU-HOLE MTG TACT SWITCHES
logo
TE Connectivity Ltd
1825910 TEC-1825910_V01 Datasheet
326Kb / 2P
   6MM TACT SWITCH, THRU-HOLE HIGH TEMP
Rev. D
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com