データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD526AD データシート(PDF) 9 Page - Analog Devices

部品番号 AD526AD
部品情報  Software Programmable Gain Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD526AD データシート(HTML) 9 Page - Analog Devices

Back Button AD526AD Datasheet HTML 5Page - Analog Devices AD526AD Datasheet HTML 6Page - Analog Devices AD526AD Datasheet HTML 7Page - Analog Devices AD526AD Datasheet HTML 8Page - Analog Devices AD526AD Datasheet HTML 9Page - Analog Devices AD526AD Datasheet HTML 10Page - Analog Devices AD526AD Datasheet HTML 11Page - Analog Devices AD526AD Datasheet HTML 12Page - Analog Devices AD526AD Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AD526
REV. D
–9–
The specifications on page 3, in combination with Figure 35,
give the timing requirements for loading new gain codes.
VALID DATA
GAIN CODE
INPUTS
CLK OR CS
TC
TH
TS
TC = MINIMUM CLOCK CYCLE
TS = DATA SETUP TIME
TH = DATA HOLD TIME
NOTE: THRESHOLD LEVEL FOR
GAIN CODE,
CS, AND CLK IS 1.4V.
Figure 35. AD526 Timing
TIMING AND CONTROL
Table I. Logic Input Truth Table
Gain Code
Control
Condition
A2 A1 A0 B
CLK (CS = 0)
Gain
Condition
XXXX
1
Previous State
Latched
0001
0
1
Transparent
0011
0
2
Transparent
0101
0
4
Transparent
0111
0
8
Transparent
1
X
X
1
0
16
Transparent
XXX0
0
1
Transparent
XXX0
1
1
Latched
0001
1
1
Latched
0011
1
2
Latched
0101
1
4
Latched
0111
1
8
Latched
1
X
X
1
1
16
Latched
NOTE: X = Don’t Care.
DIGITAL FEEDTHROUGH
With either
CS or CLK or both held high, the AD526 gain state
will remain constant regardless of the transitions at the A0, A1,
A2 or B inputs. However, high speed logic transitions will un-
avoidably feed through to the analog circuitry within the AD526
causing spikes to occur at the signal output.
This feedthrough effect can be completely eliminated by operat-
ing the AD526 in the transparent mode and latching the gain
code in an external bank of latches (Figure 36).
To operate the AD526 using serial inputs, the configuration
shown in Figure 36 can be used with the 74LS174 replaced by a
serial-in/parallel-out latch, such as the 54LS594.
OUT
FORCE
OUT
SENSE
VOUT
0.1 F
–VS
0.1 F
+VS
+5V
VIN
74LS174
1 F
B
A2
A0
A1
TIMING
SIGNAL
16
15
14
13
12
11
10
9
12
34
56
78
+
AD526
16
84
21
GAIN NETWORK
A1
A0
CS CLK
A2
B
LOGIC AND LATCHES
Figure 36. Using an External Latch to Minimize Digital
Feedthrough


同様の部品番号 - AD526AD

メーカー部品番号データシート部品情報
logo
Analog Devices
AD526AD AD-AD526AD Datasheet
464Kb / 14P
   Software Programmable Gain Amplifier
REV. D
AD526AD AD-AD526AD Datasheet
447Kb / 14P
   Software Programmable Gain Amplifier
REV. D
AD526AD AD-AD526AD Datasheet
560Kb / 15P
   Software Programmable Gain Amplifier
AD526AD AD-AD526AD Datasheet
498Kb / 15P
   Software Programmable Gain Amplifier
More results

同様の説明 - AD526AD

メーカー部品番号データシート部品情報
logo
Analog Devices
AD526 AD-AD526_15 Datasheet
466Kb / 14P
   Software Programmable Gain Amplifier
REV. D
AD526JNZ AD-AD526JNZ Datasheet
447Kb / 14P
   Software Programmable Gain Amplifier
REV. D
AD526 AD-AD526_16 Datasheet
560Kb / 15P
   Software Programmable Gain Amplifier
AD526 AD-AD526_17 Datasheet
498Kb / 15P
   Software Programmable Gain Amplifier
AD526 AD-AD526 Datasheet
464Kb / 14P
   Software Programmable Gain Amplifier
REV. D
logo
Texas Instruments
PGA103 TI1-PGA103_09 Datasheet
134Kb / 9P
[Old version datasheet]   Programmable Gain AMPLIFIER
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017 Datasheet
531Kb / 15P
   Programmable Gain Amplifier
logo
Skyworks Solutions Inc.
ARA2017 SKYWORKS-ARA2017 Datasheet
1Mb / 15P
   Programmable Gain Amplifier
logo
National Semiconductor ...
LMP8100 NSC-LMP8100_08 Datasheet
1Mb / 30P
   Programmable Gain Amplifier
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017_12 Datasheet
520Kb / 17P
   Programmable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com