データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

743-615-00-50 データシート(PDF) 1 Page - Marl International Limited

部品番号 743-615-00-50
部品情報  high intensity Step Light
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MARL [Marl International Limited]
ホームページ  http://www.leds.co.uk
Logo MARL - Marl International Limited

743-615-00-50 データシート(HTML) 1 Page - Marl International Limited

  743-615-00-50 Datasheet HTML 1Page - Marl International Limited 743-615-00-50 Datasheet HTML 2Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RW
NJO
12/05/11
31.03.11
RE
025/11
MODEL NAME
SHEET
DRAWING NO
ISSUE
SPL8356
1
SPL8356
4
ISSUE
MODIFICATION
DRN
DATE
THIS DRAWING AND ANY COPYRIGHT THEREIN BELONGS TO MARL INTERNATIONAL LIMITED AND MUST NOT BE COPIED OR DISCLOSED TO A THIRD PARTY WITHOUT PRIOR WRITTEN CONSENT OF MARL INTERNATIONAL LIMITED
TOLERANCE/ SCALE UOS
LINEAR
ANGULAR
ORIGINAL SCALE
ALL DIMENSIONS
IN MM
DRN:
DATE:
CHK1:
CHK2:
STEP LIGHT: 743-615-00-50
OF 2
± NA
± NA
1:2
3
016/11
RE
02.03.11
58/08
NJK
10.05.08
2
1
04.02.08
ISO 9001:2001
• UK manufacturing to
• Low maintenance
• Low power consumption
light engine.
• Industry leading efficacy from
04.02.08
NJK
Retail
• Commercial
• Residential
• Architectural
• Rail
Applications
NJK
ORIGINAL ISSUE
FORMAT - A3
The Step Light meets RVAR Guidelines 1998: 6(1)(d)
Benefits
SPECIFICATIONS
Overview
The 743-615-00-50 is a high intensity Step Light designed for the rail industry.
Due to the reduced power consumption and long operating life (60,000 hours),
the Step Light is ideal as a fit and forget, maintenance-free replacement for
halogen type fittings. The Step Light is fitted with a two way receptacle which
mates with the two pin plug of the constant current driver (supplied). Extension
cables to increase distance between Step Light and driver are available on
request. The step light is mounted from the front of the panel.
Please contact Marl Sales Department for more information.
Mechanical
Dimensions: See page 2
Housing: Black anodised aluminium
Bezel: Decorative chrome plated aluminium
Nut: Black anodised aluminium
Lens: Toughened glass
Electrical
Input Voltage: 10-40Vdc
Operating power: 4W
Operating Current: 350mA
Connectors: Deutsch DT series
Optical
Light engine: CITIZEN CL-251 6W Series
Medium optic: 30°
For additional information on the LED please contact Marl Sales Department and
request LED data sheet for CL-251-C6N1-C 5000K
Light Output: 230Lm
Thermal
Maximum ambient temperature: 45°C
Additional Information
The Step Light is supplied with a constant current driver which requires a
10-40Vdc input.
RIA12 or EN50155 rail specification, low voltage converter to be purchased
separately. Recommended converter: 25W Powertron MBRH Series 110VDC
input
One 25W MBRH converter will power up to 4 step lights.
Marl Part No: 726-000-25-50
Please contact Marl Sales Department for more information.
4


同様の部品番号 - 743-615-00-50

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
743 ETC2-743 Datasheet
362Kb / 1P
   GROMMETS , BUSHINGS
743 ETC2-743 Datasheet
303Kb / 1P
   Wiha Quality Tools Slotted Bits
743 ETC2-743 Datasheet
452Kb / 2P
   Phillips Bits
logo
STMicroelectronics
7430 STMICROELECTRONICS-7430 Datasheet
168Kb / 21P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
September 1999
logo
Holtek Semiconductor In...
7430 HOLTEK-7430 Datasheet
90Kb / 7P
   Negative Voltage Regulator
More results

同様の説明 - 743-615-00-50

メーカー部品番号データシート部品情報
logo
Banner Engineering Corp...
LEDRA70XD5-XQ BANNER-LEDRA70XD5-XQ Datasheet
302Kb / 4P
   High-Intensity Area Light
logo
Visual Communications C...
VAOLS-1SB1103 VCC-VAOLS-1SB1103 Datasheet
776Kb / 4P
   High Intensity LED Light Pipe
logo
Banner Engineering Corp...
LEDRR70XD5-XQ BANNER-LEDRR70XD5-XQ Datasheet
349Kb / 4P
   LED High-Intensity Ring Light
LEDWS50L5-XQ BANNER-LEDWS50L5-XQ Datasheet
430Kb / 6P
   LED..S50L.. High-Intensity Spot Light
WL50S BANNER-WL50S_V02 Datasheet
287Kb / 5P
   WL50S High-Intensity Work Spot Light
logo
Testo SE & Co. KGaA
TESTO540 TESTO-TESTO540 Datasheet
1Mb / 2P
   Light intensity measuring instrument
logo
Banner Engineering Corp...
LEDRRV70XD5-XM BANNER-LEDRRV70XD5-XM Datasheet
180Kb / 3P
   VE Series LED High-Intensity Ring Light
WL50S BANNER-WL50S_V01 Datasheet
309Kb / 5P
   WL50S High-Intensity Spot Light - PWM Dimmable
WL50S BANNER-WL50S_V03 Datasheet
409Kb / 4P
   WL50S Stainless Steel High-Intensity Work Spot Light
logo
Lite-On Technology Corp...
LTL-5233 LITEON-LTL-5233 Datasheet
198Kb / 4P
   High intensity light source with two lenses effects
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com