データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM25085SDE データシート(PDF) 1 Page - Texas Instruments

部品番号 LM25085SDE
部品情報  LM25085, LM25085-Q1 42V Constant On-Time PFET Buck Switching Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM25085SDE データシート(HTML) 1 Page - Texas Instruments

  LM25085SDE Datasheet HTML 1Page - Texas Instruments LM25085SDE Datasheet HTML 2Page - Texas Instruments LM25085SDE Datasheet HTML 3Page - Texas Instruments LM25085SDE Datasheet HTML 4Page - Texas Instruments LM25085SDE Datasheet HTML 5Page - Texas Instruments LM25085SDE Datasheet HTML 6Page - Texas Instruments LM25085SDE Datasheet HTML 7Page - Texas Instruments LM25085SDE Datasheet HTML 8Page - Texas Instruments LM25085SDE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
FB
LM25085
PGATE
ISEN
GND
VCC
ADJ
4.5V to 42V
Input
VIN
GND
SHUTDOWN
CIN
RT
CVCC
CADJ
RADJ
Q1
D1
L1
Cff
COUT
RFB2
RFB1
VOUT
GND
VIN
RT
LM25085, LM25085-Q1
www.ti.com
SNVS593H – OCTOBER 2008 – REVISED MARCH 2013
LM25085, LM25085-Q1 42V Constant On-Time PFET Buck Switching Controller
Check for Samples: LM25085, LM25085-Q1
1
FEATURES
PACKAGE
2
LM25085-Q1 is an Automotive Grade product
HVSSOP-8
that is AEC-Q100 Grade 1 Qualified (-40°C to
VSSOP-8
125°C Operating Junction Temperature)
WSON-8 (3mm x 3mm)
Wide 4.5V to 42V Input Voltage Range
Adjustable Current Limit Using RDS(ON) or a
DESCRIPTION
Current Sense Resistor
The LM25085 is a high efficiency PFET switching
regulator controller that can be used to quickly and
Programmable Switching Frequency to 1MHz
easily develop a small, efficient buck regulator for a
No Loop Compensation Required
wide
range
of
applications.
This
high
voltage
Ultra-Fast Transient Response
controller contains a PFET gate driver and a high
voltage bias regulator which operates over a wide
Nearly Constant Operating Frequency with
4.5V to 42V input range. The constant on-time
Line and Load Variations
regulation principle requires no loop compensation,
Adjustable Output Voltage from 1.25V
simplifies circuit implementation, and results in ultra-
Precision ±2% Feedback Reference
fast load transient response. The operating frequency
remains nearly constant with line and load variations
Capable of 100% Duty Cycle Operation
due to the inverse relationship between the input
Internal Soft-Start Timer
voltage and the on-time. The PFET architecture
Integrated High Voltage Bias Regulator
allows 100% duty cycle operation for a low dropout
voltage. Either the RDS(ON) of the PFET or an external
Thermal Shutdown
sense resistor can be used to sense current for over-
current detection.
Typical Application, Basic Step Down Controller
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - LM25085SDE

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM25085SDE NSC-LM25085SDE Datasheet
500Kb / 24P
   42V Constant On-Time PFET Buck Switching Controller
logo
Texas Instruments
LM25085SDE/NOPB TI-LM25085SDE/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   LM25085 / -Q1 42V Constant On-Time PFET Buck Switching Controller
More results

同様の説明 - LM25085SDE

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM25085 TI-LM25085_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM25085 / -Q1 42V Constant On-Time PFET Buck Switching Controller
logo
National Semiconductor ...
LM25085 NSC-LM25085 Datasheet
500Kb / 24P
   42V Constant On-Time PFET Buck Switching Controller
logo
Texas Instruments
LM25085A TI1-LM25085A_15 Datasheet
1Mb / 31P
[Old version datasheet]   42V Constant On-Time PFET Buck Switching Controller
LM25085A TI1-LM25085A_14 Datasheet
1Mb / 31P
[Old version datasheet]   42V Constant On-Time PFET Buck Switching Controller with 0.9V Reference
logo
National Semiconductor ...
LM25085A NSC-LM25085A Datasheet
517Kb / 24P
   42V Constant On-Time PFET Buck Switching Controller with 0.9V Reference
LM5085 NSC-LM5085 Datasheet
463Kb / 22P
   75V Constant On-Time PFET Buck Switching Controller
logo
Texas Instruments
LM5085 TI1-LM5085 Datasheet
441Kb / 23P
[Old version datasheet]   75V Constant On-Time PFET Buck Switching Controller
LM5085 TI-LM5085_15 Datasheet
1Mb / 33P
[Old version datasheet]   75V Constant On-Time PFET Buck Switching Controller
LM34919C-Q1 TI1-LM34919C-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM34919C-Q1 Ultra Small 50V, 600 mA Constant On-Time Buck Switching Regulator
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
[Old version datasheet]   350 mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com