データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-2600 データシート(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HLMP-2600
部品情報  Large bright, uniform light emitting areas
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-2600 データシート(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-2600 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-2600 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-2600 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-2600 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-2600 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-2600 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-2600 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-2600 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-2600 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Parameter
HLMP-
Symbol
Min.
Typ.
Max.
Units
Test Conditions
2400/2700/2720
I
V
620
mcd
I
F = 20 mA
Luminous Intensity
per Lighting Emitting
2450/2735/2755/2770/2950[3]
13
38
mcd
Area[1]
2785
26
70
mcd
Peak Wavelength
λ
PEAK
583
nm
Dominant Wavelength[2]
λ
d
585
nm
Forward Voltage per LED
V
F
2.1
2.6
V
I
F = 20 mA
Reverse Breakdown Voltage per LED[5]
V
R
615
V
I
R = 100 µA
Thermal Resistance LED Junction-to-Pin
R
θ
J-PIN
150
°C/W/
LED
High Efficiency Red HLMP-2300/2600/2900 Series
Parameter
HLMP-
Symbol
Min.
Typ.
Max.
Units
Test Conditions
2300/2600/2620
I
V
623
mcd
I
F = 20 mA
Luminous Intensity
per Lighting Emitting
2350/2635/2655/2670/2950[3]
13
45
mcd
Area[1]
2965[4]
19
45
mcd
2685
22
80
mcd
Peak Wavelength
λ
PEAK
635
nm
Dominant Wavelength[2]
λ
d
626
nm
Forward Voltage per LED
V
F
2.0
2.6
V
I
F = 20 mA
Reverse Breakdown Voltage per LED[5]
V
R
615
V
I
R = 100 µA
Thermal Resistance LED Junction-to-Pin
R
θ
J-PIN
150
°C/W/
LED
Yellow HLMP-2400/2700/2950 Series


同様の部品番号 - HLMP-2600

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HLMP-2600 HP-HLMP-2600 Datasheet
199Kb / 16P
   LED Light Bars
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-2600 AVAGO-HLMP-2600 Datasheet
338Kb / 16P
   LED Light Bars
logo
Everlight Electronics C...
HLMP-2600 EVERLIGHT-HLMP-2600 Datasheet
997Kb / 5P
   These LED Light Bar series are bright, large emitting area,rectangular devices that are designed for backlighting legend/message annunciators
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-2600 AVAGO-HLMP-2600 Datasheet
322Kb / 16P
   LED Light Bars
logo
Everlight Electronics C...
HLMP-2600 EVERLIGHT-HLMP-2600 Datasheet
997Kb / 5P
   LED LIGHT BARS
More results

同様の説明 - HLMP-2600

メーカー部品番号データシート部品情報
logo
Lite-On Technology Corp...
LTL-53173Y LITEON-LTL-53173Y Datasheet
151Kb / 5P
   LARGE, BRIGHT, UNIFORM LIGHT EMITTING AREAS
logo
Fairchild Semiconductor
HLMP2450 FAIRCHILD-HLMP2450 Datasheet
770Kb / 6P
   Large area, umiform, bright light-emitting surfaces
logo
Ledil, Inc.
FN16358 LEDIL-FN16358 Datasheet
8Mb / 5P
   IESNA Type IV light distribution for wider roads and large outdoor areas
F14563 LEDIL-F14563 Datasheet
2Mb / 8P
   IESNA Type IV light distribution for wider roads and large outdoor areas
F14326 LEDIL-F14326 Datasheet
3Mb / 7P
   IESNA Type IV light distribution for wider roads and large outdoor areas
F15384 LEDIL-F15384 Datasheet
2Mb / 4P
   IESNA Type IV light distribution for wider roads and large outdoor areas
logo
SunLED Corporation
XGURX5D SUNLED-XGURX5D Datasheet
210Kb / 3P
   Uniform light disbursement
XEUR30D SUNLED-XEUR30D Datasheet
222Kb / 3P
   Uniform light disbursement
XEUR2300M SUNLED-XEUR2300M Datasheet
207Kb / 3P
   Uniform light disbursement
XGUGX5D SUNLED-XGUGX5D Datasheet
228Kb / 3P
   Uniform light disbursement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com