データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS30022 データシート(PDF) 5 Page - List of Unclassifed Manufacturers

部品番号 TS30022
部品情報  High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

TS30022 データシート(HTML) 5 Page - List of Unclassifed Manufacturers

  TS30022 Datasheet HTML 1Page - List of Unclassifed Manufacturers TS30022 Datasheet HTML 2Page - List of Unclassifed Manufacturers TS30022 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS30022 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS30022 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS30022 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS30022 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS30022 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS30022 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TRIUNE SYSTEMS PROPRIETARY & CONFIDENTIAL INFORMATION
- 5 -
TS30021/22/23
Version 1.5
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2013, Triune Systems, LLC
ELECTRICAL CHARACTERISTICS
Electrical Characteristics, TJ = -40C to 125C, VCC = 12V (unless otherwise noted)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VCC Supply Voltage
VCC
Input Supply Voltage
4.5
16
V
ICC-NORM
Quiescent current
Normal Mode
VCC = 12V, ILOAD = 0A
5.2
mA
ICC-NOSWITCH
Quiescent current Normal
Mode – Non-switching
VCC=12V, ILOAD=0A, Non-switching
2.3
mA
ICC-STBY
Quiescent current
Standby Mode
VCC = 12V, EN = 0V
5
10
uA
VCC Under Voltage Lockout
VCC-UV
Input Supply Under Voltage
Threshold
VCC Increasing
4.0
4.5
V
VCC-UV_HYST
Input Supply Under Voltage
Threshold Hysteresis
650
mV
OSC
FOSC
Oscillator Frequency
1.8
2
2.2
MHz
PG Open Drain Output
TPG
PG Release Timer
PG de-assert from low to high
150
ms
IOH-PG
High-Level Output Leakage
VPG = 5V
0.5
uA
VOL-PG
Low-Level Output Voltage
IPG = -0.3mA
0.01
V
EN Input Voltage Thresholds
VIH-EN
High Level Input Voltage
2.2
V
VIL-EN
Low Level Input Voltage
0.8
V
VHYST-EN
Input Hysteresis
480
mV
IIN-EN
Input Leakage
VEN=5V
3.5
uA
VEN=0V
8.0
uA
Thermal Shutdown
TSD
Thermal Shutdown Junction
Temperature
Note: not tested in production
150
170
°C
TSDHYST
TSD Hysteresis
Note: not tested in production
10
°C


同様の部品番号 - TS30022

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TS30022 ETC2-TS30022 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30022 ETC2-TS30022 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
More results

同様の説明 - TS30022

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TS30021 ETC2-TS30021 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30022 ETC2-TS30022 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30013 ETC2-TS30013 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30012 ETC2-TS30012 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30011 ETC2-TS30011 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Semtech Corporation
TS30011 SEMTECH-TS30011 Datasheet
3Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
List of Unclassifed Man...
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33001 ETC2-TS33001 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
logo
Semtech Corporation
TS30041Q SEMTECH-TS30041Q Datasheet
1Mb / 18P
   High Efficiency 1A/2A Current-Mode Synchronous Buck Converter, 2.2MHz
logo
AiT Semiconductor Inc.
A7122B AITSEMI-A7122B Datasheet
1Mb / 11P
   DC-DC CONVERTER BUCK (STEP-DOWN) 2A 2MHz SYNCHRONOUS
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com