データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS33000 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 TS33000
部品情報  High Efficiency Synchronous DC/DC Buck Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

TS33000 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  TS33000 Datasheet HTML 1Page - List of Unclassifed Manufacturers TS33000 Datasheet HTML 2Page - List of Unclassifed Manufacturers TS33000 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS33000 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS33000 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS33000 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS33000 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS33000 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS33000 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
- 2 -
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2012, Triune Systems, LLC
TS33000
Version 1.4
PINOUT
TS3311/2
VCC
VCC
GND
VSW
VCC
TEST
OUT
EN
VSW
PIN DESCRIPTION
Pin Symbol
Pin #
Function
Description
VSW
1
Switching Voltage Node
Connect to 1.5uH inductor. Short to Pins 12, 14, & 15
VCC
2
Input Voltage
Input voltage supply. Short to Pins 3 & 11
VCC
3
Input Voltage
Input voltage supply. Short to Pins 2 & 11
GND
4
GND
Ground for the internal circuitry of the device
FB
5
Feedback Input
Feedback voltage for the regulator when used in
adjustable mode. Connect to the output voltage resistor
divider for adjustable mode and No Connection for fixed
output modes
VOUT Sense
6
Output Voltage Sense
Output Voltage Sense. Requires kelvin connection to
4.7uF output capacitor
nLP
7
nLP Input
Forcing this pin high prevents the device from going
into Low Power PFM mode operation
PG
8
PG Output
Power Good indicator Open-drain output.
EN
9
Enable Input
Input high voltage enables the device. Input low
disables the device.
TEST OUT
10
Test Mode Output
Connect to GND. For internal testing use only.
VCC
11
Input Voltage
Input voltage supply. Short to Pins 2 & 3
VSW
12
Switching Voltage Node
Connect to 1.5uH inductor. Short to Pins 1, 14, & 15
PGND
13
Power GND
GND supply for internal low-side FET/integrated diode.
Short to Pin 16
VSW
14
Switching Voltage Node
Connect to 1.5uH inductor. Short to Pins 1, 12, & 15
VSW
15
Switching Voltage Node
Connect to 1.5uH inductor. Short to Pins 1, 12, & 14
PGND
16
Power GND
GND supply for internal low-side FET/integrated diode.
Short to Pin 13
TS33000


同様の部品番号 - TS33000

メーカー部品番号データシート部品情報
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
TS33000-M008QFNR SEMTECH-TS33000-M008QFNR Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
TS33000-M012QFNR SEMTECH-TS33000-M012QFNR Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
TS33000-M015QFNR SEMTECH-TS33000-M015QFNR Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
TS33000-M018QFNR SEMTECH-TS33000-M018QFNR Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
More results

同様の説明 - TS33000

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
AP3407 DIODES-AP3407 Datasheet
279Kb / 10P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Diodes Incorporated
AP3418 DIODES-AP3418 Datasheet
522Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
AP72200 DIODES-AP72200 Datasheet
1Mb / 30P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER
logo
BCD Semiconductor Manuf...
AP3417A BCDSEMI-AP3417A Datasheet
499Kb / 12P
   1A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
AP3418 BCDSEMI-AP3418 Datasheet
500Kb / 12P
   1.5A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
AP3407,A BCDSEMI-AP3407,A Datasheet
336Kb / 11P
   1.2A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
logo
List of Unclassifed Man...
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33001 ETC2-TS33001 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
logo
ELMOS Semiconductor AG
E521.02 ELMOS-E521.02 Datasheet
1Mb / 82P
   High efficiency 5V DC/DC buck converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com