データシートサーチシステム |
|
STP13N80K5 データシート(PDF) 4 Page - STMicroelectronics |
|
STP13N80K5 データシート(HTML) 4 Page - STMicroelectronics |
4 / 20 page Electrical characteristics STB13N80K5, STF13N80K5, STP13N80K5 4/20 DocID024348 Rev 3 2 Electrical characteristics (TCASE = 25 °C unless otherwise specified). Table 4. On/off states Symbol Parameter Test conditions Min. Typ. Max. Unit V(BR)DSS Drain-source breakdown voltage (VGS= 0) ID = 1 mA 800 V IDSS Zero gate voltage drain current (VGS = 0) VDS = 800 V VDS = 800 V, Tc=125 °C 1 50 µA µA IGSS Gate body leakage current (VDS = 0) VGS = ± 20 V ±10 µA VGS(th) Gate threshold voltage VDS = VGS, ID = 100 µA 3 4 5 V RDS(on) Static drain-source on- resistance VGS = 10 V, ID= 6 A 0.37 0.45 Ω Table 5. Dynamic Symbol Parameter Test conditions Min. Typ. Max. Unit Ciss Input capacitance VDS =100 V, f=1 MHz, VGS=0 -870 - pF Coss Output capacitance - 50 - pF Crss Reverse transfer capacitance -2 - pF Co(tr) (1) 1. Time related is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0 to 80% VDSS Equivalent capacitance time related VGS = 0, VDS = 0 to 640 V -110 - pF Co(er) (2) 2. Energy related is defined as a constant equivalent capacitance giving the same stored energy as Coss when VDS increases from 0 to 80% VDSS Equivalent capacitance energy related -43 - pF RG Intrinsic gate resistance f = 1MHz, ID=0 - 5 - Ω Qg Total gate charge VDD = 640 V, ID = 12 A VGS =10 V (see Figure 20) -29 - nC Qgs Gate-source charge - 7 nC Qgd Gate-drain charge - 18 nC |
同様の部品番号 - STP13N80K5 |
|
同様の説明 - STP13N80K5 |