データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA13509_STRADA-SQ-T2 データシート(PDF) 4 Page - Lumileds Lighting Company

部品番号 CA13509_STRADA-SQ-T2
部品情報  PRODUCT DATASHEET Strada-SQ series
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LUMILEDS [Lumileds Lighting Company]
ホームページ  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

CA13509_STRADA-SQ-T2 データシート(HTML) 4 Page - Lumileds Lighting Company

  CA13509_STRADA-SQ-T2 Datasheet HTML 1Page - Lumileds Lighting Company CA13509_STRADA-SQ-T2 Datasheet HTML 2Page - Lumileds Lighting Company CA13509_STRADA-SQ-T2 Datasheet HTML 3Page - Lumileds Lighting Company CA13509_STRADA-SQ-T2 Datasheet HTML 4Page - Lumileds Lighting Company CA13509_STRADA-SQ-T2 Datasheet HTML 5Page - Lumileds Lighting Company CA13509_STRADA-SQ-T2 Datasheet HTML 6Page - Lumileds Lighting Company CA13509_STRADA-SQ-T2 Datasheet HTML 7Page - Lumileds Lighting Company CA13509_STRADA-SQ-T2 Datasheet HTML 8Page - Lumileds Lighting Company CA13509_STRADA-SQ-T2 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
PRODUCT DATASHEET
Strada-SQ series
last update 15/11/2013
GENERAL INFORMATION
- Product series especially designed & optimized for LUXEON M series of LEDs.
- Special care taken to make light distribution as uniform as possible.
- Lens material optical grade PMMA with high UV and temperature resistance (105 degrees of Celcius / 220
degrees of Fahrenheit). Allows use of high current and temperature conditions.
Please find more information about used material from below:
http://ledil.fi/sites/default/files/Documents/Technical/Material/PMMA%208N%20UL94_Yellow%20Card.pdf
http://ledil.fi/sites/default/files/Documents/Technical/Material/PMMA%208N%20PLEXIGLAS-Datasheet.pdf
- Fastening to heat sink with a PU foam adhesive tape of automotive grade. Please find fastening details by
clicking link: http://www.ledil.com/datasheets/DataSheet_TAPE.pdf
- Fastening to PCB with appropriate adhesive. By clicking link below you can find Ledil recommended glue
options.
http://www.ledil.com/datasheets/DataSheet_GLUES.pdf
NOTE 1: We advise customer to ensure the suitability and sufficiency of the bond in the end
product. For example, mechanical stress, vibration and holes on the surface of the circuit boar
weaken the strength of the tape.
NOTE 2: Assembly to the surface must be made straight, so the tape bonds constant and
balanced with fastening surface. Slanted assembly might cause unbalanced bond to the
surface. All surfaces where tape is applied must be clean, dry and free from grease and dirt.
If cleaning of PCB surfaces is needed, please follow strictly the cleaning instructions of your
LED manufacturer - this is important as cleaning shall under no circumstances damage LEDs or
other electronics components on the PCB.
Further note that optical components shall not be cleaned with any chemicals - only micro fiber
cloth may be used to remove fingerprints or other traces from handling.
NOTE 1: We advise customer to ensure the suitability and sufficiency of the bond in the end
product. For example, mechanical stress, vibration and holes on the surface of the circuit boar
weaken the strength of the glue.
NOTE 2: All surfaces where glue is applied must be clean, dry and free from grease and dirt. If
cleaning of PCB surfaces is needed, please follow strictly the cleaning instructions of your LED
manufacturer -this is important as cleaning shall under no circumstances damage LEDs or other
electronics components on the PCB.
Further note that optical components shall not be cleaned with any chemicals - only micro fiber
cloth may be used to remove fingerprints or other traces from handling.
December 5th 2013 17:03 Copyright Ledil Oy - Subject to change without prior notice - Page 4/4
Ledil Oy
Salorankatu 10
24240 SALO
Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


同様の部品番号 - CA13509_STRADA-SQ-T2

メーカー部品番号データシート部品情報
logo
Cree, Inc
CA13509 CREE-CA13509_16 Datasheet
1Mb / 19P
   Strada series
More results

同様の説明 - CA13509_STRADA-SQ-T2

メーカー部品番号データシート部品情報
logo
Cree, Inc
C12410 CREE-C12410 Datasheet
649Kb / 7P
   Strada-SQ series
logo
Ledil, Inc.
C11347-REGINA LEDIL-C11347-REGINA Datasheet
386Kb / 7P
   PRODUCT DATASHEET Regina series
logo
List of Unclassifed Man...
FR25A ETC1-FR25A Datasheet
391Kb / 2P
   LEXAN FR25A FILM PRODUCT DATASHEET
logo
Cree, Inc
C15021 CREE-C15021 Datasheet
4Mb / 72P
   Strada series
C11889 CREE-C11889 Datasheet
710Kb / 11P
   Strada series
CS15158 CREE-CS15158 Datasheet
2Mb / 31P
   Strada series
C10949 CREE-C10949 Datasheet
877Kb / 13P
   Strada series
C11415 CREE-C11415 Datasheet
1Mb / 15P
   Strada series
CA12220 CREE-CA12220 Datasheet
275Kb / 5P
   Strada series
C13604 CREE-C13604 Datasheet
4Mb / 66P
   Strada series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com