データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

K10B データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 K10B
部品情報  Evolution Standard First Aid Kits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

K10B データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  K10B Datasheet HTML 1Page - List of Unclassifed Manufacturers K10B Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Contents 11-20 Persons Kit (K20B):-
First Aid Guidance Leaflet x 1
Sterile Washproof Plasters x 40
Sterile Eye Pads with Bandage x 4
Triangular Bandages x 6
Safety Pins x 12
Sterile Dressings with Pad (Med) x 9
Sterile Dressings with Pad (Lge) x 3
Moist Wipes x 10
Disposable Gloves (Pair) x 2
Contents 21-50 Persons Kit (K50B):-
First Aid Guidance Leaflet x 1
Sterile Washproof Plasters x 60
Sterile Eye Pads with Bandage x 6
Triangular Bandages x 8
Safety Pins x 12
Sterile Dressings with Pad (Med) x 12
Sterile Dressings with Pad (Lge) x 4
Moist Wipes x 20
Disposable Gloves (Pair) x 3


同様の部品番号 - K10B

メーカー部品番号データシート部品情報
logo
Schneider Electric
K10B002ACH SCHNEIDER-K10B002ACH Datasheet
197Kb / 10P
   Harmony K1, K2, Cam switch, 2 poles, with off position, 60째 switching angle, 10 A, for 횠 16 or 22 mm
Feb 3, 2022
More results

同様の説明 - K10B

メーカー部品番号データシート部品情報
logo
Pepperl+Fuchs Inc.
MH05-SACB-4 PF-MH05-SACB-4 Datasheet
281Kb / 1P
   Mounting aid
MH05-SACB-8 PF-MH05-SACB-8 Datasheet
270Kb / 1P
   Mounting aid
MHW11 PF-MHW11 Datasheet
134Kb / 1P
   Mounting aid
logo
Crydom Inc.,
CC4850W3V CRYDOM-CC4850W3V Datasheet
1Mb / 6P
   EVOLUTION DUAL SERIES
logo
Pepperl+Fuchs Inc.
CM-12 PF-CM-12 Datasheet
335Kb / 2P
   Mounting aid
CM-18 PF-CM-18 Datasheet
336Kb / 2P
   Mounting aid
MH04-3505 PF-MH04-3505 Datasheet
468Kb / 1P
   Mounting aid
MH02-L PF-MH02-L Datasheet
1Mb / 2P
   Mounting aid
MH01-M18 PF-MH01-M18 Datasheet
249Kb / 2P
   Mounting aid
MH04-2681F PF-MH04-2681F Datasheet
192Kb / 1P
   Mounting aid
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com