データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM028D1-00 データシート(PDF) 2 Page - Alpha Industries

部品番号 AM028D1-00
部品情報  26-33 GHz GaAs MMIC Double Balanced Down Converter Mixer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALPHA [Alpha Industries]
ホームページ  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AM028D1-00 データシート(HTML) 2 Page - Alpha Industries

  AM028D1-00 Datasheet HTML 1Page - Alpha Industries AM028D1-00 Datasheet HTML 2Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
26–33 GHz GaAs MMIC Double Balanced Down Converter Mixer
AM028D1-00
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 2/00A
Performance vs. LO Power
FRF = 28 GHz, FLO = 27 GHz, PRF = -10 dBm
LO Power (dBm)
0
10
20
30
40
50
4
6
8
10
12
14
7
9
11
13
15
17
19
Conversion Loss
LO Return Loss
LO to RF Isolation
LO to IF Isolation
01234
10
89
7
6
5
Performance vs. IF Frequency
FRF = 28 GHz, FLO = FRF + FIF, PLO = 12 dBm
4
6
8
10
12
14
IF Frequency (GHz)
50 OHMS
50 OHMS
50OHMS
50OHMS
RF
IF
LO
50 OHMS
50 OHMS
50OHMS
50OHMS
RF
IF
LO
90˚ Phase Shifter/Splitter
LO
IF
RF
6
4
8
10
12
14
25
26
27
28
29
30
31
32
33
34
Performance vs. LO Frequency
FRF = FLO + 1 GHz, PLO = 12 dBm
LO Frequency (GHz)
0
10
20
30
40
50
Conversion Loss
LO Return Loss
LO to RF Isolation
LO to IF Isolation
Typical Performance Data
Wire Bonding Configurations
Circuit Schematic
Single IF bond configuration.
Requires two IF bonds.
LO to IF isolation is degraded by 7 dB for this configuration.


同様の部品番号 - AM028D1-00

メーカー部品番号データシート部品情報
logo
Alpha Industries
AM028D1-A2 ALPHA-AM028D1-A2 Datasheet
590Kb / 4P
   26-33 GHz Surface Mount Double Balanced Down Converter Mixer
More results

同様の説明 - AM028D1-00

メーカー部品番号データシート部品情報
logo
Alpha Industries
AM028S1-00 ALPHA-AM028S1-00 Datasheet
90Kb / 2P
   26-33 GHz GaAs MMIC Single Balanced Down Converter Mixer
AM038S1-00 ALPHA-AM038S1-00 Datasheet
88Kb / 2P
   33-43 GHz GaAs MMIC Single Balanced Down Converter Mixer
AM028D1-A2 ALPHA-AM028D1-A2 Datasheet
590Kb / 4P
   26-33 GHz Surface Mount Double Balanced Down Converter Mixer
AM038D1-00 ALPHA-AM038D1-00 Datasheet
168Kb / 2P
   33.43 GHz GaAs MMIC Double Balanced Down Converter Mixer
AM028R1-00 ALPHA-AM028R1-00 Datasheet
124Kb / 2P
   26-33 GHz GaAs MMIC Image Rejection Balanced Mixer
logo
Analog Devices
HMC260ALC3B AD-HMC260ALC3B Datasheet
273Kb / 16P
   10 GHz to 26 GHz, GaAs, MMIC, Double Balanced Mixer
logo
Hittite Microwave Corpo...
HMC329LM3 HITTITE-HMC329LM3_06 Datasheet
345Kb / 8P
   GaAs MMIC DOUBLE-BALANCED SMT MIXER, 26 - 40 GHz
HMC329LM3 HITTITE-HMC329LM3 Datasheet
282Kb / 8P
   GaAs MMIC DOUBLE-BALANCED SMT MIXER, 26 - 40 GHz
HMC329LM3 HITTITE-HMC329LM3_08 Datasheet
230Kb / 8P
   GaAs MMIC DOUBLE-BALANCED SMT MIXER, 26 - 40 GHz
logo
Alpha Industries
AM028S1-A2 ALPHA-AM028S1-A2 Datasheet
586Kb / 4P
   26-33 GHz Surface Mount Single Balanced Down Converter Mixer
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com