データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM038D1-00 データシート(PDF) 2 Page - Alpha Industries

部品番号 AM038D1-00
部品情報  33.43 GHz GaAs MMIC Double Balanced Down Converter Mixer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALPHA [Alpha Industries]
ホームページ  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AM038D1-00 データシート(HTML) 2 Page - Alpha Industries

  AM038D1-00 Datasheet HTML 1Page - Alpha Industries AM038D1-00 Datasheet HTML 2Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
33–43 GHz GaAs MMIC Double Balanced Down Converter Mixer
AM038D1-00
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 2/00A
46
8
10
12
14
16
18
Performance vs. LO Power
FRF = 38 GHz, FLO = 37 GHz, PRF = -10 dBm
4
6
8
10
12
14
LO Power (dBm)
0
10
20
30
40
50
Conversion Loss
LO Return Loss
LO to RF Isolation
LO to IF Isolation
01234
10
89
7
6
5
Performance vs. IF Frequency
FRF = 38 GHz, FLO = FRF - FIF, PLO = 9 dBm
4
6
8
10
12
14
IF Frequency (GHz)
50 OHMS
50 OHMS
50OHMS
50OHMS
RF
IF
LO
50 OHMS
50 OHMS
50OHMS
50OHMS
RF
IF
LO
90˚ Phase Shifter/Splitter
LO
IF
RF
31
32
33
34
35
39
38
37
36
Performance vs. LO Frequency
FRF = FLO + 1 GHz, PLO = 9 dBm
4
6
8
10
12
14
LO Frequency (GHz)
0
10
20
30
40
50
Conversion Loss
LO Return Loss
LO to RF Isolation
LO to IF Isolation
Typical Performance Data
Wire Bonding Configurations
Circuit Schematic
Single IF bond configuration.
Requires two IF bonds.
LO to IF isolation is degraded by 7 dB for this configuration.


同様の部品番号 - AM038D1-00

メーカー部品番号データシート部品情報
logo
Alpha Industries
AM038R1-00 ALPHA-AM038R1-00 Datasheet
123Kb / 2P
   33-43 GHz GaAs MMIC Image Rejection Balanced Mixer
AM038S1-00 ALPHA-AM038S1-00 Datasheet
88Kb / 2P
   33-43 GHz GaAs MMIC Single Balanced Down Converter Mixer
More results

同様の説明 - AM038D1-00

メーカー部品番号データシート部品情報
logo
Alpha Industries
AM028D1-00 ALPHA-AM028D1-00 Datasheet
165Kb / 2P
   26-33 GHz GaAs MMIC Double Balanced Down Converter Mixer
logo
Tyco Electronics
MA4EX2401 MACOM-MA4EX2401 Datasheet
422Kb / 4P
   GaAs MMIC Double Balanced 24 GHz Mixer
logo
Alpha Industries
AM028S1-00 ALPHA-AM028S1-00 Datasheet
90Kb / 2P
   26-33 GHz GaAs MMIC Single Balanced Down Converter Mixer
AM038S1-00 ALPHA-AM038S1-00 Datasheet
88Kb / 2P
   33-43 GHz GaAs MMIC Single Balanced Down Converter Mixer
logo
Marki Microwave
MM1-0312H MARKIMICROWAVE-MM1-0312H Datasheet
789Kb / 9P
   GaAs MMIC Double Balanced Mixer
MM1-0312S MARKIMICROWAVE-MM1-0312S Datasheet
787Kb / 9P
   GaAs MMIC Double Balanced Mixer
MM1-0832LSM MARKIMICROWAVE-MM1-0832LSM Datasheet
911Kb / 13P
   GaAs MMIC Double Balanced Mixer
MM1-1044H MARKIMICROWAVE-MM1-1044H Datasheet
1,000Kb / 14P
   GaAs MMIC Double Balanced Mixer
MM1-0222LSM MARKIMICROWAVE-MM1-0222LSM Datasheet
869Kb / 13P
   GaAs MMIC Double Balanced Mixer
MM1-0320L MARKIMICROWAVE-MM1-0320L Datasheet
901Kb / 8P
   GaAs MMIC Double Balanced Mixer
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com