データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCP68 データシート(PDF) 10 Page - NXP Semiconductors

部品番号 BCP68
部品情報  NPN medium power transistor 20 V, 1 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCP68 データシート(HTML) 10 Page - NXP Semiconductors

Back Button BCP68 Datasheet HTML 4Page - NXP Semiconductors BCP68 Datasheet HTML 5Page - NXP Semiconductors BCP68 Datasheet HTML 6Page - NXP Semiconductors BCP68 Datasheet HTML 7Page - NXP Semiconductors BCP68 Datasheet HTML 8Page - NXP Semiconductors BCP68 Datasheet HTML 9Page - NXP Semiconductors BCP68 Datasheet HTML 10Page - NXP Semiconductors BCP68 Datasheet HTML 11Page - NXP Semiconductors BCP68 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
2003 Nov 25
10
NXP Semiconductors
Product data sheet
NPN medium power transistor;
20 V, 1 A
BCP68
PACKAGE OUTLINE
UNIT
A1
bp
cD
E
e1
HE
Lp
Qy
w
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.10
0.01
1.8
1.5
0.80
0.60
b1
3.1
2.9
0.32
0.22
6.7
6.3
3.7
3.3
2.3
e
4.6
7.3
6.7
1.1
0.7
0.95
0.85
0.1
0.1
0.2
DIMENSIONS (mm are the original dimensions)
SOT223
SC-73
97-02-28
99-09-13
w M
bp
D
b1
e1
e
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
B
c
y
0
2
4 mm
scale
A
X
13
2
4
Plastic surface mounted package; collector pad for good heat transfer; 4 leads
SOT223


同様の部品番号 - BCP68

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BCP68 PHILIPS-BCP68 Datasheet
45Kb / 8P
   NPN medium power transistor
1999 Apr 08
logo
Guangdong Kexin Industr...
BCP68 KEXIN-BCP68 Datasheet
811Kb / 2P
   NPN Transistors
logo
Zetex Semiconductors
BCP68 ZETEX-BCP68 Datasheet
43Kb / 1P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Jiangsu Changjiang Elec...
BCP68 JIANGSU-BCP68 Datasheet
925Kb / 3P
   SOT-223 Plastic-Encapsulate Transistors
logo
Siemens Semiconductor G...
BCP68 SIEMENS-BCP68 Datasheet
136Kb / 4P
   NPN Silicon AF Transistor (For general AF application High collector current High current gain)
More results

同様の説明 - BCP68

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BCP68 NXP-BCP68 Datasheet
173Kb / 12P
   NPN medium power transistor; 20 V, 1 A
2003 Nov 25
BC368 NXP-BC368 Datasheet
143Kb / 9P
   NPN medium power transistor; 20 V, 1 A
2004 Nov 05
BCP69 NXP-BCP69 Datasheet
94Kb / 13P
   20 V, 1 A PNP medium power transistor
Rev. 06-2 December 2008
BC869 NXP-BC869 Datasheet
177Kb / 11P
   PNP medium power transistor; 20 V, 1 A
2004 Nov 08
logo
Nexperia B.V. All right...
BSR41-Q NEXPERIA-BSR41-Q Datasheet
188Kb / 8P
   60 V, 1 A NPN medium power transistor
9 December 2021
BSR43-Q NEXPERIA-BSR43-Q Datasheet
188Kb / 8P
   80 V, 1 A NPN medium power transistor
9 December 2021
BSR41 NEXPERIA-BSR41 Datasheet
218Kb / 8P
   60 V, 1 A NPN medium power transistor
1 October 2022
BSR43 NEXPERIA-BSR43 Datasheet
219Kb / 8P
   80 V, 1 A NPN medium power transistor
1 October 2022
BC68PA-Q_SER NEXPERIA-BC68PA-Q_SER Datasheet
247Kb / 13P
   20 V, 2 A NPN medium power transistors
Rev. 1 - 9 May 2022
BC68PAS_SER NEXPERIA-BC68PAS_SER Datasheet
2Mb / 13P
   20 V, 2 A NPN medium power transistors
Rev. 1 - 19 June 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com