データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FFA40UP35STU データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FFA40UP35STU
部品情報  40 A, 350 V Ultrafast Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFA40UP35STU データシート(HTML) 1 Page - Fairchild Semiconductor

  FFA40UP35STU Datasheet HTML 1Page - Fairchild Semiconductor FFA40UP35STU Datasheet HTML 2Page - Fairchild Semiconductor FFA40UP35STU Datasheet HTML 3Page - Fairchild Semiconductor FFA40UP35STU Datasheet HTML 4Page - Fairchild Semiconductor FFA40UP35STU Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
November 2013
©2008 Fairchild Semiconductor Corporation
FFA40UP35S Rev. C1
www.fairchildsemi.com
1
FFA40UP35S
40 A, 350 V Ultrafast Diode
Features
• Ultrafast Recovery, trr < 55ns (@ IF = 40 A)
• Max. Forward Voltage, VF =1.6 V(Tc = 25℃)
• Reverse Voltage: VRRM = 350 V
• Avalanche Energy Rated
• RoHS Compliant
Applications
• General Purpose
• SMPS, Free-Wheeling Diode for Motor Application
• Power Switching Circuits, Welder, UPS
Description
The FFA40UP35S is an ultrafast diode with low forward voltage
drop and rugged UIS capability. This device is intended for use
as freewheeling and clamping diodes in a variety of switching
power supplies and other power swithching applications. It is
specially suited for use in switching power supplies and industrial
applicationa as welder and UPS application.
Absolute Maximum Ratings T
C = 25
oC unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Unit
VRRM
Peak Repetitive Reverse Voltage
350
V
VRWM
Working Peak Reverse Voltage
350
V
VR
DC Blocking Voltage
350
V
IF(AV)
Average Rectified Forward Current
@ TC = 111oC
40
A
IFSM
Non-repetitive Peak Surge Current
60Hz Single Half-Sine Wave
300
A
TJ, TSTG
Operating and Storage Temperature Range
-65 to +150
oC
Symbol
Parameter
Ratings
Unit
RJC
Maximum Thermal Resistance, Junction to Case
0.8
oC/W
Part Number
Top Mark
Package Packing Method
Reel Size
Tape Width
Quantity
FFA40UP35STU
F40UP35S
TO-3P
Tube
N/A
N/A
30
TO-3P
1. Anode 2. Cathode 3. Anode
1
2
3
1. Anode 2. Cathode 3. Anode


同様の部品番号 - FFA40UP35STU

メーカー部品番号データシート部品情報
logo
Thinki Semiconductor Co...
FFA40UP35STU THINKISEMI-FFA40UP35STU Datasheet
3Mb / 4P
   40Amperes,350Volts Planar Passivation Single Ultra Fast Recovery Rectifiers
More results

同様の説明 - FFA40UP35STU

メーカー部品番号データシート部品情報
logo
Nell Semiconductor Co.,...
N-40EPU06 NELLSEMI-N-40EPU06 Datasheet
1Mb / 6P
   FRED Ultrafast Soft Recovery Diode, 40 A
logo
STMicroelectronics
STGW40N120KD STMICROELECTRONICS-STGW40N120KD Datasheet
763Kb / 15P
   40 A, 1200 V short circuit rugged IGBT with Ultrafast diode
logo
Fairchild Semiconductor
FFA60UA60DN FAIRCHILD-FFA60UA60DN Datasheet
601Kb / 5P
   60 A, 600 V Ultrafast Diode
FFPF10UP30STTU FAIRCHILD-FFPF10UP30STTU Datasheet
1Mb / 5P
   10 A, 300 V, Ultrafast Diode
FFPF10UP20STU FAIRCHILD-FFPF10UP20STU Datasheet
208Kb / 5P
   10 A, 200 V, Ultrafast Diode
FFPF10UP60S FAIRCHILD-FFPF10UP60S_V01 Datasheet
262Kb / 5P
   10 A, 600 V Ultrafast Diode
November 2014 Rev. C2
FFA60UP30DNTU FAIRCHILD-FFA60UP30DNTU Datasheet
2Mb / 5P
   60 A, 300 V Ultrafast Dual Diode
FFPF20UP20DNTU FAIRCHILD-FFPF20UP20DNTU Datasheet
513Kb / 5P
   20 A, 200 V, Ultrafast Dual Diode
FFA60UP20DNTU FAIRCHILD-FFA60UP20DNTU Datasheet
1Mb / 4P
   60 A, 200 V, Ultrafast Dual Diode
FFPF20UP30DNTU FAIRCHILD-FFPF20UP30DNTU Datasheet
509Kb / 5P
   20 A, 300 V, Ultrafast Dual Diode
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com