データシートサーチシステム |
|
AD5444 データシート(PDF) 1 Page - Analog Devices |
|
AD5444 データシート(HTML) 1 Page - Analog Devices |
1 / 20 page Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors Data Sheet AD5547/AD5557 Rev. D Document Feedback Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 ©2004–2012 Analog Devices, Inc. All rights reserved. Technical Support www.analog.com FEATURES Dual channel 16-bit resolution: AD5547 14-bit resolution: AD5557 2- or 4-quadrant, 6.8 MHz BW multiplying DAC ±1 LSB DNL ±1 LSB INL Operating supply voltage: 2.7 V to 5.5 V Low noise: 12 nV/√Hz Low power: I DD = 10 µA max 0.5 µs settling time Built-in R FB facilitates current-to-voltage conversion Built-in 4-quadrant resistors allow 0 V to –10 V, 0 V to +10 V, or ±10 V outputs 2 mA full-scale current ± 20%, with V REF = 10 V Extended automotive operating temperature range −40°C to +125°C Selectable zero-scale/midscale power-on presets Compact 38-lead TSSOP package APPLICATIONS Automatic test equipment Instrumentation Digitally controlled calibration Digital waveform generation FUNCTIONAL BLOCK DIAGRAM DAC A D0..D15 OR D0..D13 DAC A DAC B ADDR DECODE INPUT REGISTER RS DAC A REGISTER RS DAC B REGISTER RS POWER ON RESET VDD RCOMB RCOMA R1A ROFSA VREFA R1B ROFSB RFBA AGNDA AGNDB VREFB IOUTA RFBB IOUTB D0 TO D15 (AD5547) D0 TO D13 (AD5557) A0, A1 MSB LDAC DGND WR RS INPUT REGISTER RS DAC B AD5547/AD5557 Figure 1. GENERAL DESCRIPTION The AD5547/AD5557 are dual precision, 16-/14-bit, multiplying, low power, current-output, parallel input, digital-to-analog converters (DACs). They are designed to operate from single +5 V supply with ±10 V multiplying references for 4-quadrant outputs with 6.8 MHz bandwidth. The built-in, 4-quadrant resistors facilitate resistance matching and temperature tracking, which minimize the number of components needed for multiquadrant applications. In addition, the feedback resistor (RFB) simplifies the I-to-V conversion with an external buffer. The AD5547/AD5557 are available in a compact, 38-lead TSSOP package and operate at the extended automotive temperature range of −40°C to +125°C. VREF –VREF –VREF TO +VREF U1 C1 R1A 16/14 DATA RCOMA R1 R2 ROFSA RFBA C2 RFB ROFS 16-/14-BIT DAC A MSB A0, A1 2 POWER-ON RESET AD5547/AD5557 IOUTA AGNDA (ONE CHANNEL SHOWN ONLY) U2 VOUTA VREFA MSB A0, A1 LDAC WR RS WR RS LDAC Figure 2. 16-/14-Bit 4-Quadrant Multiplying DAC with Minimum of External Components (Only One Channel Is Shown) |
同様の部品番号 - AD5444 |
|
同様の説明 - AD5444 |