データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM27C040-150 データシート(PDF) 8 Page - Advanced Micro Devices

部品番号 AM27C040-150
部品情報  4 Megabit (512 K x 8-Bit) CMOS EPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C040-150 データシート(HTML) 8 Page - Advanced Micro Devices

Back Button AM27C040-150 Datasheet HTML 4Page - Advanced Micro Devices AM27C040-150 Datasheet HTML 5Page - Advanced Micro Devices AM27C040-150 Datasheet HTML 6Page - Advanced Micro Devices AM27C040-150 Datasheet HTML 7Page - Advanced Micro Devices AM27C040-150 Datasheet HTML 8Page - Advanced Micro Devices AM27C040-150 Datasheet HTML 9Page - Advanced Micro Devices AM27C040-150 Datasheet HTML 10Page - Advanced Micro Devices AM27C040-150 Datasheet HTML 11Page - Advanced Micro Devices AM27C040-150 Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
Am27C040
FI NAL
DC CHARACTERISTICS over operating ranges unless otherwise specified
Caution: The device must not be removed from (or inserted into) a socket when VCC or VPP is applied.
Notes:
1. VCC must be applied simultaneously or before VPP and removed simultaneously or after VPP
2. ICC1 is tested with OE# = VIH to simulate open outputs.
3. Minimum DC Input Voltage is –0.5. During transitions, the inputs may overshoot to –2.0 V for periods less than 20 ns. Maxi-
mum DC Voltage on output pins is Vcc +0.5 V, which may overshoot to VCC +2.0 V for periods less than 20 ns.
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
VOH
Output HIGH Voltage
IOH = –400 µA
2.4
V
VOL
Output LOW Voltage
IOL = 2.1 mA
0.45
V
VIH
Input HIGH Voltage
2.0
VCC + 0.5
V
VIL
Input LOW Voltage
–0.5
+0.8
V
ILI
Input Load Current
VIN = 0 V to VCC
C/I Devices
1.0
µA
E Devices
5.0
ILO
Output Leakage Current
VOUT = 0 V to VCC
5.0
µA
ICC1
VCC Active Current (Note 3)
CE# = VIL, f = 10 MHz,
IOUT = 0 MA
C/I Devices
40
mA
E Devices
60
ICC2
VCC TTL Standby Current
CE# = VIH
1.0
mA
ICC3
VCC CMOS Standby
Current
CE# = VCC ± 0.3 V
100
µA
IPP1
VPP Current During Read
CE# = OE# = VIL, VPP
= VCC
100
µA
16
10
25
15
5
10
20
23
4
5
7
8
9
Frequency in MHz
Figure 1.
Typical Supply Current vs. Frequency
VCC = 5.5 V, T = 25°C
14971E-1
–75
50
150
25
15
5
10
20
–50 –25
0
25
75
100 125
Temperature in
°C
Figure 2.
Typical Supply Current vs. Temperature
VCC = 5.5 V, f = 10 MHz
14971E-1


同様の部品番号 - AM27C040-150

メーカー部品番号データシート部品情報
logo
Advanced Micro Devices
AM27C040-150 AMD-AM27C040-150 Datasheet
166Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
More results

同様の説明 - AM27C040-150

メーカー部品番号データシート部品情報
logo
Advanced Micro Devices
AM27C040 AMD-AM27C040_99 Datasheet
166Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27X040 AMD-AM27X040 Datasheet
132Kb / 10P
   4 Megabit (512 K x 8-Bit) CMOS ExpressROM Device
AM27C512 AMD-AM27C512 Datasheet
168Kb / 12P
   512 Kilobit (64 K x 8-Bit) CMOS EPROM
AM27C010 AMD-AM27C010 Datasheet
175Kb / 13P
   1 Megabit (128 K x 8-Bit) CMOS EPROM
AM27C020 AMD-AM27C020 Datasheet
172Kb / 12P
   2 Megabit (256 K x 8-Bit) CMOS EPROM
AM27C4096 AMD-AM27C4096 Datasheet
165Kb / 12P
   4 Megabit (256 K x 16-Bit) CMOS EPROM
AM27C1024 AMD-AM27C1024 Datasheet
165Kb / 12P
   1 Megabit (65 K x 16-Bit) CMOS EPROM
AM27C2048 AMD-AM27C2048 Datasheet
173Kb / 12P
   2 Megabit (128 K x 16-Bit) CMOS EPROM
AM27C64 AMD-AM27C64 Datasheet
172Kb / 12P
   64 Kilobit (8 K x 8-Bit) CMOS EPROM
AM29F400B AMD-AM29F400B Datasheet
515Kb / 37P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com