データシートサーチシステム |
|
AM27X512-255PC データシート(PDF) 3 Page - Advanced Micro Devices |
|
AM27X512-255PC データシート(HTML) 3 Page - Advanced Micro Devices |
3 / 10 page Am27X512 3 ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of the following: Valid Combinations Valid Combinations list configurations planned to be sup- ported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. DEVICE NUMBER/DESCRIPTION Am27X512 512 Kilobit (64 K x 8-Bit) CMOS ExpressROM Device AM27X512 -70 J C CODE DESIGNATION Assigned by AMD TEMPERATURE RANGE C = Commercial (0 °C to +70 °C) I= Industrial (–40 °C to +85°C) PACKAGE TYPE P = 28-Pin Plastic Dual In-Line Package (PD 028) J = 32-Pin Plastic Leaded Chip Carrier (PL 032) SPEED OPTION See Product Selector Guide and Valid Combinations XXXXX Valid Combinations AM27X512-70 PC, JC, PI, JI AM27X512-90 AM27X512-120 AM27X512-150 AM27X512-200 AM27X512-255 VCC = 5.0 V ± 5% |
同様の部品番号 - AM27X512-255PC |
|
同様の説明 - AM27X512-255PC |