データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8842AN データシート(PDF) 6 Page - Analog Devices

部品番号 AD8842AN
部品情報  8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8842AN データシート(HTML) 6 Page - Analog Devices

Back Button AD8842AN Datasheet HTML 2Page - Analog Devices AD8842AN Datasheet HTML 3Page - Analog Devices AD8842AN Datasheet HTML 4Page - Analog Devices AD8842AN Datasheet HTML 5Page - Analog Devices AD8842AN Datasheet HTML 6Page - Analog Devices AD8842AN Datasheet HTML 7Page - Analog Devices AD8842AN Datasheet HTML 8Page - Analog Devices AD8842AN Datasheet HTML 9Page - Analog Devices AD8842AN Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
REV.
–6–
AD8842–Typical Performance Characteristics
DIGITAL INPUT CODE – Decimal
+1/2
–1/2
+1/2
0
–1/2
0
256
0
192
128
64
DACs A, B, C, D SUPERIMPOSED
DACs E, F, G, H SUPERIMPOSED
TA = +25°C
VDD = +5V
VSS = – 5V
VINX = +3V
0
64
128
0.3
0.2
–0.1
0.1
0
–0.2
–0.3
–0.4
0.4
192
256
DIGITAL INPUT CODE – Decimal
VDD = +5V
VSS = –5V
VINX = +3V
DAC A
TA = –55 °C
TA = +125 °C
TA = +25 °C
0
–10
–20
–30
–40
10k
10M
100k
1M
FREQUENCY – Hz
–180
–315
0
–90
–45
–135
–225
–270
–360
GAIN
–FS
+FS
PHASE
CODE = ALL ONES
PHASE
CODE = ALL ZEROS
V
IN = ± 100mV
T
A = +25°C
1k
10k
100k
1M
10M
FREQUENCY – Hz
90
0
15
30
45
60
75
105
120
135
V
IN A = 100mVpp
V
IN B = 0V
T
A = +25°C
dB
INPUT A
OUTPUT B
Figure 4. Linearity Error vs.
Digital Code
Figure 5. Linearity Error vs.
Digital Code vs. Temperature
Figure 6. VOUT Half Scale (80H)
vs. Temperature
Figure 7. Input Resistance (VIN)
vs. Temperature
Figure 8. Total Harmonic Distortion
vs. Frequency
Figure 9. VOUT Slew Rate
vs. Temperature
Figure 10. Gain and Phase vs.
Frequency (Code = 00H or FFH)
Figure 11. DAC Crosstalk
vs. Frequency
Figure 12. Voltage Noise Density
vs. Frequency
–75
–50
–25
0
25
50
75
100
125
TEMPERATURE –
°C
8
0
VINX = –3V
6
4
2
–2
–4
–8
–10
VINX = +3V
VDD = +4.75V
VSS = –4.75V
21
–75
–50
100
125
TEMPERATURE –
°C
V
IN = +3V
20
19
18
17
16
–25
0
25
50
75
AVG
AVG +2
σ
AVG –2
σ
V
DD = +4.75V
V
SS = –4.75V
10
100
1k
10k
100k
FREQUENCY – Hz
0.001
100
10
1
0.1
0.01
R
L = 2kΩ
V
IN = +4Vp-p
f
LPF = 80kHz
CODE = FF
H
3
2
–75
–50
–25
25
VDD = +4.75V
VSS = –4.75V
∆VIN = ±3V
1
0
4
0
50
75
100 125
TEMPERATURE –
°C
SR+
SR–
1
0.4
0
10
100
100k
10k
1k
0.2
0.6
0.8
FREQUENCY – Hz
TA = +25°C
VIN = 0V
A


同様の部品番号 - AD8842AN

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8842AN AD-AD8842AN Datasheet
506Kb / 12P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. 0
AD8842AN AD-AD8842AN Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842ANZ AD-AD8842ANZ Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
More results

同様の説明 - AD8842AN

メーカー部品番号データシート部品情報
logo
Analog Devices
DAC8840 AD-DAC8840 Datasheet
513Kb / 12P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842 AD-AD8842 Datasheet
506Kb / 12P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. 0
AD8842ARZ AD-AD8842ARZ Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842 AD-AD8842_15 Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
DAC-8841 AD-DAC-8841 Datasheet
584Kb / 12P
   8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
REV. A
DAC8841 AD-DAC8841_13 Datasheet
587Kb / 12P
   8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
REV. A
DAC8840FPZ AD-DAC8840FPZ Datasheet
515Kb / 12P
   8-Bit Octal 4-Quadrant Mulyplying CMOS TrimDAC
REV. A
DAC8840FPZ AD-DAC8840FPZ Datasheet
515Kb / 12P
   8-Bit Octal 4-Quadrant Mulyplying CMOS TrimDAC
REV. A
DAC8841 AD-DAC8841 Datasheet
594Kb / 10P
   8 BIT OCTAL 2-QUADRANT MULTIPLYING CMOS TRIM DAC
REV. A
logo
Sipex Corporation
SP9840 SIPEX-SP9840 Datasheet
130Kb / 10P
   8-Bit Octal, 4-Quadrant Multiplying, BiCMOS DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com