データシートサーチシステム |
|
AM27C2048-70PC5 データシート(PDF) 4 Page - Advanced Micro Devices |
|
AM27C2048-70PC5 データシート(HTML) 4 Page - Advanced Micro Devices |
4 / 12 page 4 Am27C2048 ORDERING INFORMATION OTP EPROM Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of the following: Valid Combinations Valid Combinations list configurations planned to be sup- ported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. DEVICE NUMBER/DESCRIPTION Am27C2048 2 Megabit (128 K x 16-Bit) CMOS OTP EPROM AM27C2048 -55 J C OPTIONAL PROCESSING Blank = Standard Processing VOLTAGE TOLERANCE 5= VCC ± 5%, -55 ns only See Product Selector Guide and Valid Combinations TEMPERATURE RANGE C = Commercial (0 °C to +70°C) I= Industrial (–40 °C to +85°C) PACKAGE TYPE P = 40-Pin Plastic DIP (PD 040) J = 44-Pin Square Plastic Leaded Chip Carrier (PL 044) SPEED OPTION See Product Selector Guide and Valid Combinations 5 Valid Combinations AM27C2048-55 VCC = 5.0 V ± 5% PC5, PI5, JC5, JI5 AM27C2048-55 VCC = 5.0 V ± 10% PC, PI, JC, JI AM27C2048-70 AM27C2048-90 AM27C2048-120 AM27C2048-150 AM27C2048-200 AM27C2048-255 VCC = 5.0 V ± 5% |
同様の部品番号 - AM27C2048-70PC5 |
|
同様の説明 - AM27C2048-70PC5 |